Electronic Components Datasheet Search
  English  ▼

X  

AD1859 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices AD1859 Datasheet HTML 10Page - Analog Devices AD1859 Datasheet HTML 11Page - Analog Devices AD1859 Datasheet HTML 12Page - Analog Devices AD1859 Datasheet HTML 13Page - Analog Devices AD1859 Datasheet HTML 14Page - Analog Devices AD1859 Datasheet HTML 15Page - Analog Devices AD1859 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
–14–
AD1859
TYPICAL PERFORMANCE
Figures 24 through 27 illustrate the typical analog performance
of the AD1859 as measured by an Audio Precision System One.
Signal-to-Noise (dynamic range) and THD+N performance is
shown under a range of conditions. Note that there is a small
variance between the AD1859 analog performance specifica-
tions and some of the performance plots. This is because the
Audio Precision System One measures THD and noise over a
20 Hz to 24 kHz bandwidth, while the analog performance is
specified over a 20 Hz to 20 kHz bandwidth (i.e., the AD1859
performs slightly better than the plots indicate). Figure 28
shows the power supply rejection performance of the AD1859.
The channel separation performance of the AD1859 is shown in
Figure 29. The AD1859’s low level linearity is shown in Figure
30. The digital filter transfer function is shown in Figure 31.
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FS = 44.1kHz
FFT @ –0.5dBFS
FREQUENCY – Hz
Figure 24. 1 kHz Tone at –0.5 dBFS (16K-Point FFT)
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FS = 44.1kHz
FFT @ –10dBFS
FREQUENCY – Hz
Figure 25. 1 kHz Tone at –10 dBFS (16K-Point FFT)
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
FS = 44.1kHz
THD+N vs FREQ @ –0.5dBFS
FREQUENCY – Hz
Figure 26. THD+N vs. Frequency at –0.5 dBFS
–100
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
AMPLITUDE – dBFS
FS = 44.1kHz
THD+N vs dBFS @ 1kHz
Figure 27. THD+N vs. Amplitude at 1 kHz
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
–40
–45
–65
–70
–75
–80
–55
–60
–50
LEFT CHANNEL
RIGHT CHANNEL
FREQUENCY – Hz
Figure 28. Power Supply Rejection to 300 mV p-p on AVDD
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
FREQUENCY – Hz
FS = 44.1kHz
Figure 29. Channel Separation vs. Frequency at –0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com