Electronic Components Datasheet Search
  English  ▼

X  

AD1859 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices AD1859 Datasheet HTML 10Page - Analog Devices AD1859 Datasheet HTML 11Page - Analog Devices AD1859 Datasheet HTML 12Page - Analog Devices AD1859 Datasheet HTML 13Page - Analog Devices AD1859 Datasheet HTML 14Page - Analog Devices AD1859 Datasheet HTML 15Page - Analog Devices AD1859 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. A
–16–
AD1859
2 TO 1
SELECTOR
1
0
13
13-BIT
ADDER
+
_
13
13
13
RI BUS
K BUS
R BUS
27 MHz
T
Q
BCLK
13-BIT
LATCH
27MHz
13-BIT
ADDER
+
13
13
M [12..0]
+
L BUS
N [12..0]
13
SELECT K BUS WHEN K < N (MSB = 0)
SELECT R BUS WHEN K > N (MSB = 1)
MSB
Figure 33. Numerically Controlled Oscillator Circuit
28-Lead Wide-Body SO
(R-28)
28
15
14
1
0.7125 (18.10)
0.6969 (17.70)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.020 (0.49)
0.013 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.050 (1.27)
0.016 (0.40)
8
°
0
°
0.029 (0.74)
0.010 (0.25)
x 45
°
28-Lead Shrink Small Outline Package (SSOP)
(RS-28)
28
15
14
1
0.41 (10.50)
0.39 (9.90)
PIN 1
SEATING
PLANE
0.073 (1.85)
0.065 (1.65)
0.026
(0.65)
BSC
0.015 (0.38)
0.009 (0.22)
0.002 (0.05)
MIN
0.079 (2.0)
MAX
0.01 (0.25)
0.004 (0.09)
0.037 (0.95)
0.022 (0.55)
8
°
0
°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com