Electronic Components Datasheet Search
  English  ▼

X  

AD1859 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices AD1859 Datasheet HTML 10Page - Analog Devices AD1859 Datasheet HTML 11Page - Analog Devices AD1859 Datasheet HTML 12Page - Analog Devices AD1859 Datasheet HTML 13Page - Analog Devices AD1859 Datasheet HTML 14Page - Analog Devices AD1859 Datasheet HTML 15Page - Analog Devices AD1859 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD1859
REV. A
–15–
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
22k
10
0%
100
90
FREQUENCY – Hz
Figure 30. 1 kHz Tone at –90 dBFS (16K-Point FFT) Includ-
ing Time Domain Plot Bandlimited to 22 kHz
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
–150
–160
FS
Figure 31. Digital Filter Signal Transfer Function to
3.5
× F
S
Application Circuits
Figure 32 illustrates a 600 ohm line driver using the Analog
Devices SSM2017 and SSM2142 components. Figure 33
illustrates a “Numerically Controlled Oscillator” (NCO) that
can be implemented in programmable logic or a system ASIC to
provide the synchronous bit and left/right clocks from 27 MHz
for MPEG audio decoders. Note that the bit clock and left/right
clock outputs are highly jittered, but this jitter should be
perfectly acceptable. MPEG audio decoders are insensitive to
this clock jitter (using these signals to clock audio data from their
output serial port, and perhaps to decrement their audio/video
synchronization timer), while the AD1859 will reject the left/right
clock jitter by virtue of its on-chip digital phase locked loop.
Contact Analog Devices Computer Products Division Customer
Support at (617) 461-3881 or cpd_support@analog.com for more
information on this NCO circuit.
BCLK
LRCLK
SDATA
IDPM1
IDPM0
18/16
CLATCH
CDATA
CCLK
PD/RST
DEEMP
MUTE
XTALI/MCLK
XTALO
FGND
FILT
CMOUT
EMPR
OUTR
EMPL
OUTL
DVDD
AVDD
DGND
AGND
14
13
12
10
9
8
21
20
19
11
2
7
16
15
4
3
25
26
1
28
27
3
1
8
2
3
1
8
2
7
7
6
6
5
4
5
4
U2
SSM2017P
U3
SSM2017P
+15V
–15V
+15V
–15V
1Vrms
1Vrms
OUT
OUT
REF
REF
V+
V–
V+
V–
VREF 2.25V
+5V
CC
+5V
DD
17
23
18
6
R2, 2k49
R1, 2k49
C8
100n
C1
100n
C9
100n
+
–
C10
C7
100n
C6
100n
C12
100n
C11
100n
AD1859-JR
GND
VIN
+V
–V
+OUT
+SENSE
–SENSE
–OUT
U4
SSM2142P
6
+15V
C5
100n
–15V
C4
100n
4
3
5
8
7
2
1
GND
VIN
+V
–V
+OUT
+SENSE
U5
SSM2142P
6
+15V
C3
100n
–15V
C2
100n
4
3
5
8
7
2
1
5Vrms
5Vrms
1
2
3
4
5
1
2
3
4
5
J1
P1
1
2
3
4
5
1
2
3
4
5
P2
J2
R3
600
Ω
R4
600
Ω
MAX OUTPUT EACH
CHANNEL
10Vrms (166.7mV V = +22dBm)
INTO 600
Ω
–SENSE
–OUT
+IN
RG1
RG2
–IN
4µ7
+IN
RG1
RG2
–IN
Figure 32. 600 Ohm Balanced Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com