Electronic Components Datasheet Search
  English  ▼

X  

AD1859 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices AD1859 Datasheet HTML 10Page - Analog Devices AD1859 Datasheet HTML 11Page - Analog Devices AD1859 Datasheet HTML 12Page - Analog Devices AD1859 Datasheet HTML 13Page - Analog Devices AD1859 Datasheet HTML 14Page - Analog Devices AD1859 Datasheet HTML 15Page - Analog Devices AD1859 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
AD1859
Figure 15 shows the suggested interface to the Zoran ZR38000
DSP chip, which can act as an MPEG audio or AC-3 audio
decoder. The ZR38000 supports 16 bits of data using a left-
justified output format.
ZORAN
ZR38000
256 x FS
LO
AD1859
13
14
8
9
10
12
HI
LO
BCLK
LRCLK
SDATA
IDPM0
IDPM1
18/16
SCKB
WSB
SDB
SCKIN
Figure 15. Interface to ZR38000
Figure 16 shows the suggested interface to the C-Cube
Microsystems CL480 MPEG system decoder IC. The CL480
supports 16 bits of data using a right-justified output format.
C-CUBE
CL480
LO
AD1859
13
14
8
9
10
12
LO
LO
BCLK
LRCLK
SDATA
IDPM0
IDPM1
18/16
DA-BCK
DA-LRCK
DA-DATA
DA-XCK
256 x FS
OR
384 x FS
Figure 16. Interface to CL480
Layout and Decoupling Considerations
The recommended decoupling, bypass circuits for the AD1859
are shown in Figure 17. Figure 17 illustrates a connection dia-
gram for systems which do not require de-emphasis support.
The recommended circuit connection for system including de-
emphasis is shown in Figure 18.
AD1859
10µF
0.1µF
BIAS VOLTAGE
FOR EXTERNAL USE
1k
Ω
2.2nF
LEFT LINE
OUTPUT
RIGHT LINE
OUTPUT
10µF
20-64pF
20-64pF
27MHz
XTALI/MCLK
XTALO
CDATA CCLK CLATCH
+5V ANALOG
0.1µF
1µF
AGND
AVDD
SDATA
BLCK
LRCLK
IDPM0
IDPM1
18/16
10
8
9
12
13
14
DSP OR
AUDIO
DECODER
PD/RST
MUTE
DEEMP
+5V DIGITAL
DGND
DVDD
FILT
CMOUT
OUTL
EMPL
OUTR
EMPR
AD1859
10µF
2
6
7
15
11
20
16
19
21
22
23
µCONTROLLER
28
24
25
26
27
5
3
NC
NC
FGND
1k
Ω
2.2nF
10µF
µCONTROLLER
NC
0.01µF
1µF
17
18
4
1
0.1µF
30
Ω
(CHIP RESISTOR
PREFERRED)
Figure 17. Recommended Circuit Connection (Without De-emphasis)
BIAS VOLTAGE
FOR EXTERNAL USE
1k
Ω
LEFT LINE
OUTPUT
RIGHT LINE
OUTPUT
1µF
10µF
1k
Ω
1µF
470
Ω
33nF
NPO
470
Ω
OPTIONAL DE-EMPHASIS
CIRCUIT SHOWN
10µF
0.1µF
20-64pF
20-64pF
27MHz
XTALI/MCLK
XTALO
CDATA CCLK CLATCH
+5V ANALOG
0.1µF
1µF
AGND
AVDD
SDATA
BLCK
LRCLK
IDPM0
IDPM1
18/16
10
8
9
12
13
14
DSP OR
AUDIO
DECODER
PD/RST
MUTE
DEEMP
+5V DIGITAL
DGND
DVDD
FILT
CMOUT
OUTL
EMPL
OUTR
EMPR
AD1859
2
6
7
15
11
20
16
19
21
22
23
24
27
5
NC
NC
FGND
µCONTROLLER
NC
0.01µF
1µF
17
18
4
1
26
3
25
28
0.1µF
10M
Ω
10M
Ω
2.2nF
2.2nF
30
Ω
(CHIP RESISTOR
PREFERRED)
33nF
NPO
µCONTROLLER
Figure 18. Recommended Circuit Connection (With De-emphasis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com