Electronic Components Datasheet Search
  English  ▼

X  

AD1865 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1865
Description  Complete Dual 18-Bit 16 x Fs Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1865 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1865 Datasheet HTML 4Page - Analog Devices AD1865 Datasheet HTML 5Page - Analog Devices AD1865 Datasheet HTML 6Page - Analog Devices AD1865 Datasheet HTML 7Page - Analog Devices AD1865 Datasheet HTML 8Page - Analog Devices AD1865 Datasheet HTML 9Page - Analog Devices AD1865 Datasheet HTML 10Page - Analog Devices AD1865 Datasheet HTML 11Page - Analog Devices AD1865 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1865
REV. 0
–8–
18-BIT CD PLAYER DESIGN
Figure 10 illustrates an 18-bit CD player design incorporating
an AD1865 D/A converter, an NE5532 dual op amp and the
SM5813 digital filter chip manufactured by NPC. In this de-
sign, the SM5813 filter transmits left and right digital data to
both channels of the AD1865. The left and right latch signals,
LL and LR, are both provided by the word clock signal
(WCKO) of the digital filter. The digital filter supplies data at
an 8
× F
S oversample rate to each channel.
The digital data is converted to analog output voltages by the
output amplifiers on the AD1865. Note that no external compo-
nents are required by the AD1865. Also, no deglitching cir-
cuitry is required.
An NE5532 dual op amp is used to provide the output antialias
filters required for adequate image rejection. One 2-pole filter
section is provided for each channel. An additional pole is cre-
ated from the combination of the internal feedback resistors
(RF) and the external capacitors C1 and C2. For example, the
nominal 3 k
Ω R
F with a 360 pF capacitor for C1 and C2 will
place a pole at approximately 147 kHz, effectively eliminating
all high frequency noise components.
Low distortion, superior channel separation, low power con-
sumption and a low parts count are all realized by this simple
design.
2
4
5
6
1
3
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD1865
+VS
TRIM
MSB
SJ
DL
LL
DGND
AGND
VOUT
RF
–VS
IOUT
+VL
VOUT
TRIM
MSB
LR
CLK
DR
AGND
SJ
RF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
C1
C2
1
2
3
4
5
6
7
8
–VS
+VS
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
–5V ANALOG SUPPLY
+5V ANALOG SUPPLY
+5V DIGITAL
SUPPLY
BCKO
WCKO
DOL
DOR
VDD
DG
OW20
SM5813AP/
APT
NC
NE5532
IOUT
VSS1
VSS2
OW18
Figure 10. Complete 8
× F
S 18-Bit CD Player



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com