Electronic Components Datasheet Search
  English  ▼

X  

AD1865 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1865
Description  Complete Dual 18-Bit 16 x Fs Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1865 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1865 Datasheet HTML 4Page - Analog Devices AD1865 Datasheet HTML 5Page - Analog Devices AD1865 Datasheet HTML 6Page - Analog Devices AD1865 Datasheet HTML 7Page - Analog Devices AD1865 Datasheet HTML 8Page - Analog Devices AD1865 Datasheet HTML 9Page - Analog Devices AD1865 Datasheet HTML 10Page - Analog Devices AD1865 Datasheet HTML 11Page - Analog Devices AD1865 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1865
REV. 0
–10–
ADDITIONAL APPLICATIONS
Figures 12 through 14 show connection diagrams for the AD1865
and standard digital filter chips from Yamaha, NPC and Sony.
Each figure is an example of cophase operation operating at 8
×
FS for each channel. The 2-pole Rauch low-pass filters shown in
Figure 10 can be used with all of the applications shown in this
data sheet.
24
23
22
19
21
20
18
17
16
15
14
13
12
2
1
3
4
5
6
7
9
11
10
8
AD1865
MSB
I
OUT
DL
LL
DGND
V
OUT
I
OUT
TRIM
MSB
AGND
SJ
TRIM
SJ
AGND
V
OUT
R
F
–V
S
+V
L
LR
CLK
DR
+V
S
R
F
+5V DIGITAL SUPPLY
LPF
LPF
RIGHT
CHANNEL
OUTPUT
LEFT
CHANNEL
OUTPUT
–5V ANALOG
SUPPLY
+5V ANALOG
SUPPLY
1
2
3
4
5
6
7
8
12
11
10
9
13
16
15
14
V
SS
SHL
V
DD2
SHR
ST
BCO
WCO
DLO
V
DD1
DRO
YM3434
NC
16/18
Figure 12. AD1865 with Yamaha YM3434 Digital Filter
24
23
22
19
21
20
18
17
16
15
14
13
12
2
1
3
4
5
6
7
9
11
10
8
AD1865
MSB
IOUT
DL
LL
DGND
VOUT
IOUT
TRIM
MSB
AGND
SJ
TRIM
SJ
AGND
VOUT
RF
–VS
+VL
LR
CLK
DR
+VS
RF
+5V DIGITAL SUPPLY
LPF
RIGHT
CHANNEL
OUTPUT
LEFT
CHANNEL
OUTPUT
–5V ANALOG
SUPPLY
+5V ANALOG
SUPPLY
NC
LPF
1
2
3
4
5
6
7
8
12
11
10
9
13
16
15
14
VSS
DOL
DOR
WDCO
BCKO
VDD
SM5818
OMOD1
OMOD2
Figure 14. AD1865 with NPC SM5818AP Digital Filter
24
23
22
19
21
20
18
17
16
15
14
13
12
2
1
3
4
5
6
7
9
11
10
8
AD1865
MSB
I
OUT
DL
LL
DGND
V
OUT
I
OUT
TRIM
MSB
AGND
SJ
TRIM
SJ
AGND
V
OUT
R
F
–V
S
+V
L
LR
CLK
DR
+V
S
R
F
LPF
RIGHT
CHANNEL
OUTPUT
LEFT
CHANNEL
OUTPUT
–5V ANALOG
SUPPLY
+5V ANALOG
SUPPLY
16.9344
MHz
1
2
3
4
5
6
7
8
9
10
11
12
13
19
18
17
16
14
20
15
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
GND
TEST
TEST
TEST
TEST
TEST
XIN
V
DD
V
DD
LFS
SONY/12S
TEST
TEST
TEST
DPOL
OUT 16/18
LE/WS
DATAR
GND
GND
DATAL
BCKO
CXD1244S
NC
LPF
+5V DIGITAL SUPPLY
Figure 13. AD1865 with Sony CXD1244s Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com