Electronic Components Datasheet Search
  English  ▼

X  

AD1865 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1865
Description  Complete Dual 18-Bit 16 x Fs Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1865 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1865 Datasheet HTML 4Page - Analog Devices AD1865 Datasheet HTML 5Page - Analog Devices AD1865 Datasheet HTML 6Page - Analog Devices AD1865 Datasheet HTML 7Page - Analog Devices AD1865 Datasheet HTML 8Page - Analog Devices AD1865 Datasheet HTML 9Page - Analog Devices AD1865 Datasheet HTML 10Page - Analog Devices AD1865 Datasheet HTML 11Page - Analog Devices AD1865 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD1865
REV. 0
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Plastic DIP
(N-24A) Package
0.100 (2.54)
BSC
112
13
24
0.070 (1.77)
0.030 (0.77)
0.580 (14.73)
0.485 (12.32)
0.625 (15.87)
0.600 (15.24)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
1.290 (32.70)
1.150 (29.30)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
PIN 1
0.250 (6.35)
0.200 (5.05)
0.125 (3.18)
SEATING
PLANE
28-Pin SOIC
(R-28) Package
0.050 (1.27) BSC
0.019 (0.49)
0.014 (0.35)
0.096 (2.44)
0.089 (2.26)
0.01 (0.254)
0.006 (0.15)
1
14
15
28
0.708 (18.02)
0.696 (17.67)
0.299 (7.6)
0.291 (7.39)
0.414 (10.52)
0.398 (10.10)
0.042 (0.32)
0.009 (0.23)
0.013 (0.32)
0.009 (0.23)
0.003 (0.76)
0.02 (0.51)
6°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com