Electronic Components Datasheet Search
  English  ▼

X  

AD1865 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1865
Description  Complete Dual 18-Bit 16 x Fs Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1865 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1865 Datasheet HTML 4Page - Analog Devices AD1865 Datasheet HTML 5Page - Analog Devices AD1865 Datasheet HTML 6Page - Analog Devices AD1865 Datasheet HTML 7Page - Analog Devices AD1865 Datasheet HTML 8Page - Analog Devices AD1865 Datasheet HTML 9Page - Analog Devices AD1865 Datasheet HTML 10Page - Analog Devices AD1865 Datasheet HTML 11Page - Analog Devices AD1865 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1865
REV. 0
–11–
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE
FROM ANALOG DEVICES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1856
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC NO CONNECT
=
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
16-BIT
LATCH
SERIAL
INPUT
REGISTER
16-BIT
DAC
IOUT
CONTROL
LOGIC
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1860
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC NO CONNECT
=
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
18-BIT
LATCH
SERIAL
INPUT
REGISTER
18-BIT
DAC
IOUT
CONTROL
LOGIC
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1862
–VS
–VS
+VL
CLK
LE
DATA
–VL
TRIM
+VS
NR2
ADJ
NR1
AGND
IOUT
RF
DGND
VOLTAGE
REFERENCE
INPUT
&
DIGITAL
OFFSET
20-BIT
DAC
AD1856 16-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD
Low Cost
16-Pin DIP or SOIC Package
Standard Pinout
AD1860 18-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD+N
108 dB Signal-to-Noise Ratio
16-Pin DIP or SOIC Package
Standard Pinout
AD1862 20-BIT AUDIO DAC
119 dB Signal-to-Noise Ratio
0.0016% THD+N
102 dB D-Range Performance
±1 dB Gain Linearity
16-Pin DIP Package
AD1868 +5 V SINGLE SUPPLY DUAL 18-BIT
AUDIO DAC
No External Components Required
0.004% THD+N
92 dB D-Range Performance
±3 dB Gain Linearity
16-Pin DIP or SOIC Package
18-BIT
DAC
18-BIT
SERIAL
REGISTER
AD1868
VL
LL
DL
CLK
DR
LR
DGND
VBIASR
VBIASL
VS
VOUTL
NRL
AGND
NRR
VOUTR
VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
DAC
18-BIT
SERIAL
REGISTER
VREF
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com