Electronic Components Datasheet Search
  English  ▼

X  

AD1865 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1865
Description  Complete Dual 18-Bit 16 x Fs Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1865 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1865 Datasheet HTML 4Page - Analog Devices AD1865 Datasheet HTML 5Page - Analog Devices AD1865 Datasheet HTML 6Page - Analog Devices AD1865 Datasheet HTML 7Page - Analog Devices AD1865 Datasheet HTML 8Page - Analog Devices AD1865 Datasheet HTML 9Page - Analog Devices AD1865 Datasheet HTML 10Page - Analog Devices AD1865 Datasheet HTML 11Page - Analog Devices AD1865 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1865
REV. 0
–9–
MULTICHANNEL DIGITAL KEYBOARD DESIGN
Figure 11 illustrates how to cascade AD1865’s to add multiple
voices to an electronic musical instrument. In this example, the
data and clock signals are shared between all six DACs. As the
data representing an output for a specific voice is loaded, the ap-
propriate DAC is updated. For example, after the 18-bits repre-
senting the next output value for Voice 4 is clocked out on the
data line, then “Voice 4 Load” is pulled low. This produces a
new output for Voice 4. Furthermore, all voices can be returned
to the same output by pulling all six load signals low.
In this application, the advantages of choosing the AD1865 are
clear. Its flexible digital interface allows the clock and data to be
shared among all DACs. This reduces PC board area require-
ments and also simplifies the actual layout of the board. The low
power requirements of the AD1865 (approximately 225 mW) is
an advantage in a multiple DAC system where any power advan-
tage is multiplied by the number of DACs used. The AD1865
requires no external components, simplifying the design, reduc-
ing the total number of components required and enhancing
reliability.
AD1865
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+5V ANALOG
SUPPLY
–5V ANALOG
SUPPLY
VOICE 1
OUTPUT
AD1865
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD1865
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOICE 1 LOAD
ANALOG
COMMON
VOICE 3 LOAD
DATA
VOICE 2 LOAD
CLOCK
VOICE 2
OUTPUT
VOICE 3
OUTPUT
VOICE 4
OUTPUT
VOICE 5
OUTPUT
VOICE 6
OUTPUT
VOICE 6 LOAD
VOICE 5 LOAD
VOICE 4 LOAD
DIGITAL COMMON
+5V DIGITAL SUPPLY
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
TRIM
MSB
SJ
AGND
VOUT
IOUT
RF
–VS
+VL
LR
CLK
DR
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
+VS
DL
LL
DGND
IOUT
VOUT
TRIM
MSB
AGND
SJ
RF
NC
Figure 11. Cascaded AD1865s in a Multichannel Keyboard Instrument



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com