Electronic Components Datasheet Search
  English  ▼

X  

AD1892 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1892
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1892 Datasheet HTML 3Page - Analog Devices AD1892 Datasheet HTML 4Page - Analog Devices AD1892 Datasheet HTML 5Page - Analog Devices AD1892 Datasheet HTML 6Page - Analog Devices AD1892 Datasheet HTML 7Page - Analog Devices AD1892 Datasheet HTML 8Page - Analog Devices AD1892 Datasheet HTML 9Page - Analog Devices AD1892 Datasheet HTML 10Page - Analog Devices AD1892 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD1892
REV. 0
–7–
Power Supply Connections
Pin Name SOIC
I/O
Description
DVDD
22
Digital Supply. +5 V nominal supply voltage.
DGND
7
Digital Ground. +0 V nominal supply connection.
Miscellaneous
Pin Name SOIC
I/O
Description
MCLK
28
I
Master clock. Must be 512
× F
SOUT, where FSOUT is the desired output sample rate.
PD/RST
1
I
Active LO power-down/reset, which clears all on-chip registers on the AD1892 to their default state
and stops the on-chip clocks. Bring HI for normal chip operation.
MUTE
27
I
Mute input. HI hardware mutes the serial digital audio output to zeros (midscale). All control
functions on the AD1892 (Channel Status, Q-Channel subcode, etc.) continue to function while the
AD1892 is muted. Should be LO for normal operation.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
PD/RST
L
RCLK
BCLK
MUTE
MCLK
CCLK
CS
SDI
DVDD
SYNC
SDATA
SDO
QDFS
DGND
SFCLK
U/CBIT
INT
CC
CB
CA
ERROR
NOSIG
RXP
RXN
CD
CON/
PRO
CSCLK
CE
AD1892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com