Electronic Components Datasheet Search
  English  ▼

X  

AD1892 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1892
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1892 Datasheet HTML 16Page - Analog Devices AD1892 Datasheet HTML 17Page - Analog Devices AD1892 Datasheet HTML 18Page - Analog Devices AD1892 Datasheet HTML 19Page - Analog Devices AD1892 Datasheet HTML 20Page - Analog Devices AD1892 Datasheet HTML 21Page - Analog Devices AD1892 Datasheet HTML 22Page - Analog Devices AD1892 Datasheet HTML 23Page - Analog Devices AD1892 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
–24–
Hz
–80
–120
100
20k
–84
10k
1k
–88
–92
–96
–100
–104
–108
–112
–116
Figure 44. THD+N, 32 kHz Input, 48 kHz
Output, –1 dB Full-Scale Input
Typical Performance Plots
Hz
–0.90
–1.10
100
20k
–0.92
10k
1k
–0.94
–0.96
–0.98
–1.00
–1.02
–1.04
–1.06
–1.08
Figure 42. Frequency Response, –1 dB Full-Scale Input
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead SOIC
(R-28)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
0.7125 (18.10)
0.6969 (17.70)
PIN 1
28
15
14
1
AD1892
REV. 0
Hz
–80
–120
100
20k
–84
10k
1k
–88
–92
–96
–100
–104
–108
–112
–116
Figure 43. THD+N, 44.1 kHz Input, 48 kHz Output,
–1 dB Full-Scale Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com