Electronic Components Datasheet Search
  English  ▼

X  

AD1892 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1892
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1892 Datasheet HTML 16Page - Analog Devices AD1892 Datasheet HTML 17Page - Analog Devices AD1892 Datasheet HTML 18Page - Analog Devices AD1892 Datasheet HTML 19Page - Analog Devices AD1892 Datasheet HTML 20Page - Analog Devices AD1892 Datasheet HTML 21Page - Analog Devices AD1892 Datasheet HTML 22Page - Analog Devices AD1892 Datasheet HTML 23Page - Analog Devices AD1892 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD1892
–20–
REV. 0
21
20
19
18
17
15
16
23
CA
CB
CC
CD
CE
CON/
PRO
CSCLK
SYNC
RXP
RXN
14
0.01 F
0.01 F
75
CONSUMER
S/PDIF INPUT
75
CONN
RCA PHONE
CONNECTOR
26
24
25
SCLK
SDATA
L
RCLK
SCLK
SDATA
L
RCLK
19
20
18
CS
CCLK
SDI
SDO
MCLK
AD1857
DAC
+2
6
1
MCLK
384/
256
MUTE
PD/RST
QDFS
NOSIG
ERROR
INT
U/CBIT
AD1892
SFCLK
OUTL
OUTR
8
13
5
26
27
1
8
9
10
11
12
6
512 x FSOUT CLOCK
ACTIVE HI MUTE
ACTIVE LO POWER-DOWN/RESET
NO BIPHASE-MARK
SIGNAL ON INPUT
LEFT LINE OUTPUT
RIGHT LINE OUTPUT
DVDD
DGND
0.01 F
7
22
+5V
110
AES/EBU INPUT
3V–10V p-p
1:1
1
4
2
1
2
3
1
3
2
DVDD
BAT54S OR BAS70-04
R5 16R5
R6 16R5
1
3
2
DVDD
BAT54S OR BAS70-04
DVDD
R3
1k
R4
1k
RXP
RXN
AD1892
10nF
10nF
38R3
38R3
13
14
13
3
2
4
Figure 34. Stand-Alone Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com