Electronic Components Datasheet Search
  English  ▼

X  

AD1892 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1892
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1892 Datasheet HTML 5Page - Analog Devices AD1892 Datasheet HTML 6Page - Analog Devices AD1892 Datasheet HTML 7Page - Analog Devices AD1892 Datasheet HTML 8Page - Analog Devices AD1892 Datasheet HTML 9Page - Analog Devices AD1892 Datasheet HTML 10Page - Analog Devices AD1892 Datasheet HTML 11Page - Analog Devices AD1892 Datasheet HTML 12Page - Analog Devices AD1892 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD1892
REV. 0
–9–
As noted above, the Channel Status bit from each subframe
accumulates over a 192 subframe period. The standards allow for
the Channel Status bit in each subframe to be independent, but
ordinarily the Channel Status bit in the two subframes of each
frame are the same. The Channel Status bits are defined
VALIDITY
USER DATA
CHANNEL STATUS DATA
EVEN PARITY BIT
MSB
AUDIO DATA
V
U
C
P
27 28 29 30 31
LSB
AUX DATA
PREAMBLE
8
7
4
3
0
A0
B0
A1
B1
A2
B2
(EXPANDED)
A = LEFT CHANNEL
B = RIGHT CHANNEL
(EXPANDED)
A0 B0 A1 B1 A2 B2 A3 B3 A4 B4 A5 B5 A6 B6 A7 B7 A8 B8
A188 B188 A189 B189 A190 B190 A191 B191
SUBFRAME
FRAME
CHANNEL STATUS BLOCK (384 AUDIO SAMPLES)
192 LEFT, 192 RIGHT
Figure 5. Block, Frame and Subframe Organization
RESERVED
7
EMPHASIS
AUDIO
PRO = 0
BYTE 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
15
23
31
39
191
BLOCK
BIT
6
5
4
3
2
1
BIT 0
CATEGORY CODE
SOURCE NUMBER
RESERVED
FS
MODE
COPY
L
CHANNEL NUMBER
CLOCK ACCURACY
Figure 6. Consumer Channel Status Block Structure
differently for the consumer audio standards and the profes-
sional audio standards. The 192 Channel Status bits are
organized into 24 bytes and have the interpretations shown in
Figures 6 through 16.
7
EMPHASIS
LOCK
FS
AUDIO
PRO = 1
BYTE 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
15
23
31
39
47
55
87
119
151
183
191
BLOCK
BIT
6
5
4
3
2
1
BIT 0
CHANNEL MODE
USER BIT MANAGEMENT
RESERVED
WORD LENGTH
AUX USE
RESERVED
RESERVED
REFERENCE
RESERVED
ALPHANUMERIC CHANNEL ORIGIN DATA
ALPHANUMERIC CHANNEL DESTINATION DATA
LOCAL SAMPLE ADDRESS CODE
(32-BIT BINARY)
TIME OF DAY CODE
(32-BIT BINARY)
RESERVED
RELIABILITY FLAGS
CYCLIC REDUNDANCY CHECK CHARACTER
Figure 7. Professional Channel Status Block Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com