Electronic Components Datasheet Search
  English  ▼

X  

AD1892 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1892
Description  Integrated Digital Receiver/Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1892 Datasheet(HTML) 3 Page - Analog Devices

  AD1892 Datasheet HTML 1Page - Analog Devices AD1892 Datasheet HTML 2Page - Analog Devices AD1892 Datasheet HTML 3Page - Analog Devices AD1892 Datasheet HTML 4Page - Analog Devices AD1892 Datasheet HTML 5Page - Analog Devices AD1892 Datasheet HTML 6Page - Analog Devices AD1892 Datasheet HTML 7Page - Analog Devices AD1892 Datasheet HTML 8Page - Analog Devices AD1892 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
POWER
Min
Typ
Max
Units
Supplies
Voltage, DVDD
4.5
5.5
V
Operational Current, IDD (DVDD = +5.0 V)
50
60
mA
Power-Down Current, IDD (DVDD = +5.0 V) (PD/RST LO)
3
6
mA
Dissipation
1
Operational (DVDD = +5.0 V)
250
300
mW
Power-Down (DVDD = +5.0 V) (PD/RST LO)
15
30
mW
TEMPERATURE RANGE
Min
Max
Units
Specifications Guaranteed
–40
+85
°C
Storage
–55
+125
°C
ABSOLUTE MAXIMUM RATINGS
2
Min
Max
Units
DVDD to DGND
–0.3
7.0
V
DC Input Voltage
–0.3
DVDD + 0.3
V
Soldering
+300
°C
10
sec
DIGITAL FILTER CHARACTERISTICS
1
Min
Max
Units
Passband Ripple (0 kHz to 20 kHz) (FS = 44.1 kHz)
±0.015
dB
Group Delay (LRCLK = 50 kHz)
700
3000
µs
NOTES
1Guaranteed, not tested.
2Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Temperature Range
Package Description Package Options
AD1892JR
–40
°C to +85°C
28-Lead SOIC
R-28
AD1892JRRL –40
°C to +85°C
28-Lead SOIC
R-28 on 13" Reels
AD1892
REV. 0
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1892 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com