Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ARA2017 Datasheet HTML 1Page - ANADIGICS, Inc ARA2017 Datasheet HTML 2Page - ANADIGICS, Inc ARA2017 Datasheet HTML 3Page - ANADIGICS, Inc ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
DATA SHEET - Rev 2.1
11/2012
ARA2017
ElEcTRicAl cHARAcTERiSTicS
Table 2: Absolute Minimum and Maximum Ratings
Table 3: operating Ranges
Stresses in excess of the absolute ratings may cause permanent damage. functional operation is not implied under
these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
Table 4: Digital Interface Specifications
(VDD = +5.0 V)
Note:
(1) Logic control levels apply to the 3-wire programming bus (pins 9, 10, 11) and the transmit
enable control (pin 13).
pARAMETER
Min
MAX
uniT
coMMEnTS
Supply: VDD (pins 5, 14, 19, 21, 28),
VATTN (pin 25)
0
+6
V
RF
Power at Inputs (pins 1, 3)
-
+40
dBmV
differential into 200 
Digital Interface (pins 9, 10, 11, 13)
-0.5
VDD+0.5
V
Storage Temperature
-55
+150
°C
pARAMETER
Min
TYp
MAX
uniT
Logic High Input Voltage: VIN,HIGH
+2.0
-
VDD
V
Logic Low Input Voltage: VIN,LOW
0
-
+0.8
V
PARAMETER
MIN
TYP
MAX
UNIT
Operating Frequency (f)5
-85MHz
Supply: VDD (pins 5, 14, 19, 21, 28)
+4.5
+5
+5.5
V
Digital Interface (pins 9, 10, 11, 13)0
-VDD
V
Case Temperature (TC)-40
+25+95
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com