Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc ARA2017 Datasheet HTML 10Page - ANADIGICS, Inc ARA2017 Datasheet HTML 11Page - ANADIGICS, Inc ARA2017 Datasheet HTML 12Page - ANADIGICS, Inc ARA2017 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
DATA SHEET - Rev 2.1
11/2012
ARA2017
figure 11:Attenuator Accuracy over Voltage
(Tc = +25 8c, f1 = 10 MHz)
figure 12: Attenuator Accuracy over Temperature
(VDc = +5V, f1 = 10 MHz)
0
5
10
15
20
25
30
35
25
35
45
55
65
75
85
95
case Temperature (oc)
figure ?: Attenuator Accuracy over Temperature
2dB
4dB
8dB
16dB
32dB
( V= +5V, f1 = 10mHz )
ATTEnuAToR
SETTinG =
0
5
10
15
20
25
30
35
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
Supply Voltage, Vdd (Vdc)
figure ?: Attenuator accuracy over Voltage
2dB
4dB
8dB
16dB
32dB
( Tc = +25oc, f1 = 10mHz )
ATTEnuAToR
SETTinG =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com