Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ARA2017 Datasheet HTML 2Page - ANADIGICS, Inc ARA2017 Datasheet HTML 3Page - ANADIGICS, Inc ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc ARA2017 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
DATA SHEET - Rev 2.1
11/2012
ARA2017
figure 5: Gain & noise figure vs. Temperature
(Vdd = +5V, f1 = 10 MHz)
figure 6: 1dB Gain compression (p1dB) vs. Voltage
(Tc = 25 8c, f1 = 10 MHz)
1
2
3
4
5
6
7
30
31
32
33
34
35
36
0
20
40
60
80
100
120
case Temperature (Tc) - oc
figure ?: Gain & noise figure vs. Temperature
( VDD = + 5V, f1 = 10MHz )
Gain dB
NF dB
73
73.5
74
74.5
75
75.5
76
76.5
77
4.4
4.6
4.8
5
5.2
5.4
5.6
Voltage (Vdc)
figure ?: 1dB Gain compression (p1dB) vs Voltage
( Tc = 25oc, f1 = 10MHz )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com