Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ARA2017 Datasheet HTML 1Page - ANADIGICS, Inc ARA2017 Datasheet HTML 2Page - ANADIGICS, Inc ARA2017 Datasheet HTML 3Page - ANADIGICS, Inc ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
DATA SHEET - Rev 2.1
11/2012
ARA2017
Table 5: Electrical Specifications
(VDD = +5.0 V, TX Enabled (unless otherwise noted), Tc = 25 8c)
Notes:
(1) As measured in ANADIGICS test fixture.
(2) Measured using the maximum current setting-see Application Information section.
pARAMETER
Min
TYp
MAX
uniT
coMMEnTS
Gain (1)
34
36
37
dB
0 dB attenuation setting
Gain Flatness (1)
-
-
0.5
1.0
-
-
dB
5 to 42 MHz
5 to 85 MHz
Gain Variation over Temperature
-
-0.02
-
dB/°C
Gain Range with Attenuator
58
-
-
dB
Incremental Attenuator Step Size
1.5
2
2.5
dB
2nd Harmonic Distortion Level (1) (2)
-
-67
-55
dBc
+64 dBmV into 75 
3rd Harmonic Distortion Level (1) (2)
-
-72
-55
dBc
+64 dBmV into 75 
3rd Order Output Intercept (1) (2)
+88
+93
-
dBmV
2 tone, +61 dBmV/tone
1 dB Gain Compression (1) (2)
-
+73
-
dBmV
Noise Figure (1) (2)
-
2.5
-
dB
Full gain @ 0 dB attenuator
setting; Includes input balun
loss
Output Noise Power
Active / No Signal / Min. Atten. Set.
Active / No Signal / Max. Atten. Set.
-
-
-38.5
-53.8
-
-
dBmV
Any 160 kHz bandwidth
from 5 to 85 MHz
Isolation (85 MHz) in Tx disable mode
-
60
-
dB
Differential Input Impedance
-
200
-
between pins 1 and 3
(Tx enabled)
Differential Output Impedance
-
75
-
between pins 19 and 21
Output Impedance
-
75
-
with transformer
Output Return Loss
(75 Ohm characteristic impedance)
-
-
-15
-12
-
-
dB
Tx enabled
Tx disabled
Output Voltage Transient
Tx enable / Tx disable
-
-
50
7
-
-
mVp-p
0 dB attenuator setting
24 dB attenuator setting
Total Supply Current (1) (2)
(pins 5, 14, 19, 21, 25, 28)
-
-
340
10.5
400
-
mA
Tx enabled (TX_EN high)
Tx disabled (TX_EN low)
Total Power Consumption
-
-
1.7
52.5
-
-
W
mW
Tx enabled (TX_EN high)
Tx disabled (TX_EN low)
Thermal Resistance (JC)
-
30
-
8
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com