Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ARA2017 Datasheet HTML 4Page - ANADIGICS, Inc ARA2017 Datasheet HTML 5Page - ANADIGICS, Inc ARA2017 Datasheet HTML 6Page - ANADIGICS, Inc ARA2017 Datasheet HTML 7Page - ANADIGICS, Inc ARA2017 Datasheet HTML 8Page - ANADIGICS, Inc ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc ARA2017 Datasheet HTML 10Page - ANADIGICS, Inc ARA2017 Datasheet HTML 11Page - ANADIGICS, Inc ARA2017 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
DATA SHEET - Rev 2.1
11/2012
ARA2017
figure 7: output Third order intercept point (oip3) vs Temperature
(Vdd = +5 Vdc, f1 = 10 MHz, f2 = 11 MHz)
figure 10: Attenuator Accuracy over frequency
(Tc = 25 8c, VDc = +5V)
0
5
10
15
20
25
30
35
10
20
30
40
50
60
70
80
90
100
frequency (MHz)
figure ?: Attenuator Accuracy over frequency
2dB
4dB
8dB
16dB
32dB
Tc = 25oc, Vdc = +5V
ATTEnuAToR
SETTinG =
85
86
87
88
89
90
91
92
93
94
95
0
20
40
60
80
100
120
case Temperature(oc)
figure ?: output Third order intercept point (oip3)
vs. case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com