Electronic Components Datasheet Search
  English  ▼

X  

ARA2017 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ARA2017
Description  Programmable Gain Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2017 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ARA2017 Datasheet HTML 9Page - ANADIGICS, Inc ARA2017 Datasheet HTML 10Page - ANADIGICS, Inc ARA2017 Datasheet HTML 11Page - ANADIGICS, Inc ARA2017 Datasheet HTML 12Page - ANADIGICS, Inc ARA2017 Datasheet HTML 13Page - ANADIGICS, Inc ARA2017 Datasheet HTML 14Page - ANADIGICS, Inc ARA2017 Datasheet HTML 15Page - ANADIGICS, Inc ARA2017 Datasheet HTML 16Page - ANADIGICS, Inc ARA2017 Datasheet HTML 17Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
DATA SHEET - Rev 2.1
11/2012
ARA2017
Table 6: programming Register
loGic pRoGRAMMinG
figure 18: Serial Data input Timing
programming instructions
The programming word is set through a 10 bit shift
register via the data, clock and enable lines. The
data is entered in order with the most significant bit
(MSB) first and the least significant bit (LSB) last. The
enable line must be low for the duration of the data
entry, then set high to latch the shift register. The
rising edge of the clock pulse shifts each data value
into the register.
Notes:
(1) Refer to Application Information section for Current and Gain bit settings.
(2) Data bit 0 should always be set to “1”.
(3) Data bit 1 is reserved for future use, and should be set to “0”.
DATA BiT
9
8
7
6
5
4
3
2
1
0
funcTion
Current
Gain
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com