Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9525 Datasheet HTML 33Page - Analog Devices AD9525 Datasheet HTML 34Page - Analog Devices AD9525 Datasheet HTML 35Page - Analog Devices AD9525 Datasheet HTML 36Page - Analog Devices AD9525 Datasheet HTML 37Page - Analog Devices AD9525 Datasheet HTML 38Page - Analog Devices AD9525 Datasheet HTML 39Page - Analog Devices AD9525 Datasheet HTML 40Page - Analog Devices AD9525 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 37 of 48
Table 33. REF_MON Pin Control
Reg.
Addr.
(Hex)
Bits
Bit
Name
Description
0x018
[7:5]
Don’t
care
Don’t care.
[4:0]
REF_MON
pin
control
Selects the signal that is connected to the REF_MON pin.
Bit 4
Bit 3
Bit2
Bit 1
Bit 0
Level or
Dynamic
Signal
Signal at REF_MON Pin
0
0
0
0
0
LVL
Ground (dc).
0
0
0
0
1
DYN
REFA clock.
0
0
0
1
0
DYN
REFB clock.
0
0
0
1
1
DYN
Selected reference clock to PLL.
0
0
1
0
0
DYN
Unselected reference clock to PLL.
0
0
1
0
1
LVL
Both reference clocks missing (active high).
0
0
1
1
0
LVL
Ground (dc).
0
0
1
1
1
LVL
Status REF A frequency (active high).
0
1
0
0
0
LVL
Status REF B frequency (active high).
0
1
0
0
1
LVL
(Status REF A frequency) AND (status REF B frequency).
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of feedback
clock).
0
1
0
1
1
LVL
Status of feedback clock (active high).
0
1
1
0
0
LVL
Selected reference (low: REFA, high: REFB).
0
1
1
0
1
LVL
DLD; active high.
0
1
1
1
0
LVL
N/A.
0
1
1
1
1
LVL
Ground, dc.
1
0
0
0
0
LVL
VDD3 (PLL power supply).
1
0
0
0
1
DYN
REFA.
1
0
0
1
0
DYN
REFB.
1
0
0
1
1
DYN
Selected reference to PLL.
1
0
1
0
0
DYN
Unselected reference to PLL.
1
0
1
0
1
LVL
Status of selected reference (status of differential reference); active low.
1
0
1
1
0
LVL
Status of unselected reference (not available in differential mode);
active low.
1
0
1
1
1
LVL
Status of REF A frequency (active low).
1
1
0
0
0
LVL
Status of REF B frequency (active low).
1
1
0
0
1
LVL
(Status of REFA frequency) AND (status of REFB frequency).
1
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of feedback clock).
1
1
0
1
1
LVL
Status of feedback clock (active low).
1
1
1
0
0
LVL
Selected reference (low: REFA, high: REFB); active low.
1
1
1
0
1
LVL
DLD (active low).
1
1
1
1
0
LVL
N/A.
1
1
1
1
1
LVL
VDD3 (PLL power supply).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com