Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9525 Datasheet HTML 11Page - Analog Devices AD9525 Datasheet HTML 12Page - Analog Devices AD9525 Datasheet HTML 13Page - Analog Devices AD9525 Datasheet HTML 14Page - Analog Devices AD9525 Datasheet HTML 15Page - Analog Devices AD9525 Datasheet HTML 16Page - Analog Devices AD9525 Datasheet HTML 17Page - Analog Devices AD9525 Datasheet HTML 18Page - Analog Devices AD9525 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 15 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
6
0
1
2
3
4
VOLTAGE ON CP PIN (V)
PUMP UP
PUMP DOWN
Figure 5. Charge Pump Characteristics at VDD_CP = 3.3 V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VOLTAGE ON CP PIN (V)
PUMP UP
PUMP DOWN
Figure 6. Charge Pump Characteristics at VDD_CP = 5.0 V
–222.5
–222.0
–221.5
–221.0
–220.5
–220.0
–219.5
–219.0
–218.5
–218.0
–217.5
0
0.2
0.4
0.6
0.8
1.0
1.2
SLEW RATE OF REFA (V/ns)
Figure 7. PLL Figure of Merit (FOM) vs. Slew Rate at REFA
CH1
500mV Ω
2.5ns/DIV
40.0GS/s
A CH1
40.0mV
1
Figure 8. LVPECL Output (Differential) at 122.88 MHz
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
960mV p-p
780mV p-p
600mV p-p
400mV p-p
Figure 9. LVPECL Differential Voltage Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com