Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9525 Datasheet HTML 40Page - Analog Devices AD9525 Datasheet HTML 41Page - Analog Devices AD9525 Datasheet HTML 42Page - Analog Devices AD9525 Datasheet HTML 43Page - Analog Devices AD9525 Datasheet HTML 44Page - Analog Devices AD9525 Datasheet HTML 45Page - Analog Devices AD9525 Datasheet HTML 46Page - Analog Devices AD9525 Datasheet HTML 47Page - Analog Devices AD9525 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 44 of 48
Table 48. VCO, Reference, and CLK Inputs
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x1E0
[7:3]
Don’t care
Don’t care.
[2:0]
M divider
M divider value.
Bit 2
Bit 1
Bit 0
Divider Value
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
7
1
1
1
8
Table 49. Other
Reg.
Addr.
(Hex)
Bits
Name
Description
0x230
[7:5]
Don’t care
Don’t care.
4
Dist all power-down
Powers down all of distribution. Puts all drivers in safe power-down mode.
0 (default): enabled.
1: power-down.
3
CLKIN power-down
Powers down CLKIN, CLKIN.
0 (default): enabled.
1: power-down.
2
M divider power-down
Powers down M divider.
0 (default): enabled.
1: power-down.
1
Distribution reference
power-down
Power down distribution reference. This bit should be asserted only when the drivers do not
need the safe power-down mode guidelines.
0 (default): enabled.
1: power-down.
0
PLL power-down
Power down PLL.
0 (default): enabled.
1: power-down.
232
[7:1]
Don’t care
Don’t care.
0
IO_UPDATE
This bit must be set to 1b to transfer the contents of the buffer registers into the active registers.
This happens on the next SCLK rising edge. This bit is self-clearing; that is, it does not have to be
set back to 0.
1 (self-clearing): update all active registers to the contents of the buffer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com