Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9525 Datasheet HTML 10Page - Analog Devices AD9525 Datasheet HTML 11Page - Analog Devices AD9525 Datasheet HTML 12Page - Analog Devices AD9525 Datasheet HTML 13Page - Analog Devices AD9525 Datasheet HTML 14Page - Analog Devices AD9525 Datasheet HTML 15Page - Analog Devices AD9525 Datasheet HTML 16Page - Analog Devices AD9525 Datasheet HTML 17Page - Analog Devices AD9525 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 14 of 48
Pin No.
Mnemonic
Type
Description
28
SDO
I
Serial Control Port Unidirectional Serial Data Out.
29
GND
GND
Connect to ground.
30
SYNC_OUT
O
LVPECL Complementary Output for Programmable Sync Signal.
31
SYNC_OUT
O
LVPECL Output for Programmable Sync Signal.
32
VDD3
P
Power Supply for SYNC_OUT Driver.
33
REF_MON
O
Reference Monitor (Output). This pin has multiple selectable outputs.
34
OUT7
O
LVPECL Complementary Output 7.
35
OUT7
O
LVPECL Output 7.
36
VDD3
P
3.3 V Power Supply for Channel OUT6 and Channel OUT7.
37
OUT6
O
LVPECL Complementary Output 6.
38
OUT6
O
LVPECL Output 6.
39
OUT5
O
LVPECL Complementary Output 5.
40
OUT5
O
LVPECL Output 5.
41
VDD3
P
3.3 V Power Supply for Channel OUT4 and Channel OUT5.
42
OUT4
O
LVPECL Complementary Output 4.
43
OUT4
O
LVPECL Output 4.
44
OUT3
O
LVPECL Complementary Output 3.
45
OUT3
O
LVPECL Output 3.
46
VDD3
P
3.3 V Power Supply for Channel OUT2 and Channel OUT3.
47
OUT2
O
LVPECL Complementary Output 2.
48
OUT2
O
LVPECL Output 2.
EP
EP, GND
GND
Exposed Paddle. The exposed pad is a ground connection on the chip that must be soldered to the analog
ground of the PCB to ensure proper functionality and heat dissipation, noise, and mechanical strength
benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com