Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9525 Datasheet HTML 30Page - Analog Devices AD9525 Datasheet HTML 31Page - Analog Devices AD9525 Datasheet HTML 32Page - Analog Devices AD9525 Datasheet HTML 33Page - Analog Devices AD9525 Datasheet HTML 34Page - Analog Devices AD9525 Datasheet HTML 35Page - Analog Devices AD9525 Datasheet HTML 36Page - Analog Devices AD9525 Datasheet HTML 37Page - Analog Devices AD9525 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 34 of 48
Table 31. REFA, REFB, REFC, B, N, and P Dividers
Reg.
Addr.
(Hex)
Bits
Bit Name
Description
0x011
[7:4]
REFB divider output
high cycles
Divider high cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays high. A
value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
[3:0]
REFB divider output
low cycles
Divider low cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays high. A
value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
0x012
[7:4]
REFA divider output
high cycles
Divider high cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays low. A
value of 0x7 means the divider is high for eight input clock cycles (default: 0x0).
[3:0]
REFA divider output
low cycles
Divider low cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays high. A
value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
0x013
[7:4]
B divider output
high cycles
Divider high cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays low. A
value of 0x7 means the divider is high for eight input clock cycles (default: 0x0).
[3:0]
B divider output
low cycles
Divider low cycle word. Normally set to one-half desired divider division minus one:
for example, D/2 – 1; therefore, for Divide = 8, set to 0x03 (8/2 – 1).
Number of clock cycles (minus 1) of the divider input during which the divider output stays high. A
value of 0x7 means that the divider is low for eight input clock cycles (default: 0x0).
0x014
[7:6]
Don’t care
Don’t care.
5
B divider bypass
Bypasses and powers down the B divider; routes input to divider output.
0: uses divider (default).
1: B divider is set to divide-by-1.
4
REFB divider bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: REFB divider is set to divide-by-1.
3
REFA divider bypass
Bypasses and powers down the divider; routes input to divider output.
0: use divider (default).
1: REFA divider is set to divide-by-1.
[2:0]
P divider prescaler
P divider value (B divider prescaler).
Bit 2
Bit 1
Bit 0
Divider Value
0
0
0
1(default)
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
Static
1
1
1
Static
0x015
7
Don’t care
Don’t care.
6
Reserved
0 (default).
5
Reserved
0 (default).
4
Reserved
0 (default).
3
B divider reset
Resets B divider.
0: normal operation (default).
1: holds B divider in reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com