Electronic Components Datasheet Search
  English  ▼

X  

AD9525 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9525
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9525 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9525 Datasheet HTML 19Page - Analog Devices AD9525 Datasheet HTML 20Page - Analog Devices AD9525 Datasheet HTML 21Page - Analog Devices AD9525 Datasheet HTML 22Page - Analog Devices AD9525 Datasheet HTML 23Page - Analog Devices AD9525 Datasheet HTML 24Page - Analog Devices AD9525 Datasheet HTML 25Page - Analog Devices AD9525 Datasheet HTML 26Page - Analog Devices AD9525 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Data Sheet
AD9525
Rev. 0 | Page 23 of 48
CLOCK DISTRIBUTION
The AD9525 can be used only as a clock fan out buffer by
disabling the PLL circuit blocks except for the clock distribution
section. The clock distribution consists of eight LVPECL clock
output drivers that share a common M divider. See the M Divider
section for more information on the common M divider.
Duty Cycle and Duty-Cycle Correction
The duty cycle of the clock signal at the output of a driver is
a result of either or both of the following conditions:
•
The CLKIN, CLKIN input duty cycle. If the CLKIN, CLKIN
input is routed directly to the output, the duty cycle of the
output is the same as the CLKIN, CLKIN input.
•
The M divider value. An odd M divider value results in
a non-50% duty cycle.
Table 23.Typical Output Duty Cycle with M Divider ≠ 1
M Divider
Output Duty Cycle (%)
Even
50
Odd = 3
33.3
Odd = 5
40
LVPECL Output Drivers
The LVPECL differential voltage (VOD) is selectable (from
~400 mV to 960 mV (see Bit 2 and Bit 1 in Register 0x0F0 to
Register 0x0F7).
The LVPECL output polarity can be set as noninverting or
inverting, which allows for the adjustment of the relative
polarity of outputs within an application without requiring
a board layout change. Each LVPECL output can be powered
down or powered up, as needed. Because of the architecture of
the LVPECL output stages, there is the possibility of electrical
overstress and breakdown under certain power-down conditions.
For this reason, the LVPECL outputs have two power-down modes:
total power-down and safe power-down. The primary power-
down mode is the safe power-down mode. This mode continues
to protect the output devices while powered down. There are three
ways to activate safe power-down mode: individually set the
power-down bit for each driver, power down an individual
output channel, or activate sleep mode.
In total power-down mode 0x0230[1] = 1 (power down
distribution reference). This mode must not be used if there is
an external voltage bias network (such as Thevenin equivalent
termination) on the output pins that will cause a dc voltage to
appear at the powered down outputs. However, total power-down
mode is allowed when the LVPECL drivers are terminated using
only pull-down resistors.
R2
200Ω
R1
200Ω
SW1B
SW1A
SW2
QN2
QN1
N2
N1
OUT
OUT
4.4mA
Figure 22. LVPECL Output Simplified Equivalent Circuit
SYNC_OUT
SYNC_OUT provides one LVPECL output or two CMOS
output signal that can used to reset or synchronize a converter.
SYNC_OUT functionality block diagram is shown in Figure 23.
The SYNC_OUT signal is derived from the PLL phase detector
reference input clock or feedback (N-divider) clock. A program-
mable 16-bit S divider further divides the selected reference clock.
There are three different modes of operation for SYNC_OUT:
single shot, periodic, or pseudorandom. SYNC_OUT is retimed to
the high speed clock.
÷M
D SET
CLR
Q
Q
÷S
DIGITAL SYNC CONTROL
M DIVIDER OUTPUT
÷N
OUT0 TO OUT7
SYNC_OUT
CP
UP
DN
PFD
SELECT REF: REF, FB, PD
DIGITAL LOCK DETECT
SYNC ENABLE
11
10
00
01
LOW
REF
Figure 23. SYNC_OUT Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com