Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 2 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 2 Page - ETAL Group

  P7642 Datasheet HTML 1Page - ETAL Group P7642 Datasheet HTML 2Page - ETAL Group P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
3010 size
Tolerance code: N=±30%, M=±20%,
3012 size
Tolerance code: N=±30%, M=±20%,
Notes:
1. Powder covered type inductor
2. IDC1: Based on inductance change (∆L/Lo:-30%) @ ambient temp. 25ºC
3. IDC2: Based on temperature rise of about 40ºC typical.
3. Rated DC Current: The lesser value between IDC1 and IDC2.
4. Operating temperature : -40ºC to +105ºC
5. For non-standard inductance values, please contact ETAL.
SPECIFICATIONS
IDC1(A)
IDC2(A)
1.20
1.30
C
1.10
1.10
E
0.87
0.94
G
0.75
0.78
I
0.61
0.63
K
0.50
0.51
M
0.40
0.40
O
0.35
0.35
Q
0.26
0.275
S
Rated DC Current
Marking
P7642-3010-1R5N
1.5±30%
0.1V/1M
80m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)±20%
P7642-3010-2R2M
2.2±20%
0.1V/1M
95m
P7642-3010-3R3M
3.3±20%
0.1V/1M
0.14
P7642-3010-4R7M
4.7±20%
0.1V/1M
0.19
P7642-3010-6R8M
6.8±20%
0.1V/1M
0.30
P7642-3010-100M
10±20%
0.1V/1M
0.45
P7642-3010-150M
15±20%
0.1V/1M
0.60
P7642-3010-220M
22±20%
0.1V/1M
0.92
P7642-3010-330M
33±20%
0.1V/1M
1.30
IDC2(A)
Typ.
Max.
Typ.
Typ.
80m
1.30
1.45
1.70
E
0.15
0.90
1.00
1.30
I
0.21
0.70
0.80
1.10
K
0.29
0.64
0.72
0.85
M
P7642-3012-2R2M
P7642-3012-4R7M
P7642-3012-6R8M
P7642-3012-100M
Inductance
( uH )
Test
Frequency
( Hz )
Part No.
SRF
(MHz)
Min.
Resistance
RDC (
)
Rated DC Current
Marking
IDC1(A)
Max.
96m
4.7±20%
0.1V/1M
0.18
2.2±20%
0.1V/1M
70
48
0.252
10±20%
0.1V/1M
0.348
6.8±20%
0.1V/1M
32
40
ETALDOC 1034/1
2 of 14
2012-09-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com