Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 4 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 4 Page - ETAL Group

  P7642 Datasheet HTML 1Page - ETAL Group P7642 Datasheet HTML 2Page - ETAL Group P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
4010 size
Tolerance code: N=±30%, M=±20%,
4012 size
Tolerance code: N=±30%, M=±20%,
Notes:
1. Powder covered type inductor
2. IDC1: Based on inductance change (∆L/Lo:-30%) @ ambient temp. 25ºC
3. IDC2: Based on temperature rise of about 40ºC typical.
3. Rated DC Current: The lesser value between IDC1 and IDC2.
4. Operating temperature : -40ºC to +105ºC
5. For non-standard inductance values, please contact ETAL.
SPECIFICATIONS
IDC1 (A)
IDC2 ( A )
1.80
1.05
A
1.15
0.89
E
1.10
0.82
G
0.90
0.75
I
0.74
0.62
K
0.56
0.60
M
0.47
0.51
O
0.36
0.40
Q
0.28
0.30
S
Rated DC Current
Marking
P7642-4010-1R0N
1.0±30%
0.1V/1M
90m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)±20%
P7642-4010-2R2N
2.2±30%
0.1V/1M
0.14
P7642-4010-3R3M
3.3±20%
0.1V/1M
0.16
P7642-4010-4R7M
4.7±20%
0.1V/1M
0.21
P7642-4010-6R8M
6.8±20%
0.1V/1M
0.28
P7642-4010-100M
10±20%
0.1V/1M
0.38
P7642-4010-150M
15±20%
0.1V/1M
0.51
P7642-4010-220M
22±20%
0.1V/1M
0.82
P7642-4010-330M
33±20%
0.1V/1M
1.20
IDC1 (A)
2.50
2.00
C
1.65
E
1.20
G
1.05
I
0.90
K
0.74
M
0.56
O
0.51
Q
0.40
S
0.81
0.42
P7646-4012-330
33
M
0.1V/1M
0.61
0.54
P7646-4012-150
15
P7646-4012-220
22
M
0.1V/1M
M
0.1V/1M
0.18
0.84
0.24
0.77
0.40
0.60
P7646-4012-100
10
M
0.1V/1M
P7646-4012-6R8
6.8
M
0.1V/1M
0.14
0.96
P7646-4012-3R3
3.3
P7646-4012-4R7
4.7
M
0.1V/1M
M
0.1V/1M
75m
1.40
90m
1.20
0.13
0.98
P7646-4012-2R2
2.2
M,N
0.1V/1M
P7646-4012-1R5
1.5
N
0.1V/1M
P7646-4012-1R0
1.0
N
0.1V/1M
Resistance
RDC (
)±20%
Rated DC Current
Marking
A
60m
1.50
IDC2 ( A
Part No.
Inductance
( uH )
Tolerance
Test Frequency
( Hz )
ETALDOC 1034/1
4 of 14
2012-09-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com