Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 1 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 1 Page - ETAL Group

  P7642 Datasheet HTML 1Page - ETAL Group P7642 Datasheet HTML 2Page - ETAL Group P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT DATA SHEET
SMD POWER INDUCTOR
P7642 SERIES
Features
Applications
•
RoHS compliant
•
DC-DC Converters
•
Current up to 7.0A
•
Notebook and handheld equipment
•
Low profile (<2.0mm)
•
Surface mount
•
Flat top for pick and place
•
Powder coated
•
Lead-free (Pb-free)
The P7642 family comprises of medium high
The P7642 family of components provides
current , unshielded power inductors. The
reliable lead-free terminations suitable for
inductors in this family are powder coated.
lead-free and conventional placement and
reflow.
Eleven mechanical sizes are available,
offering compact solutions for applications
requiring high energy storage.
Sizes:
3010, 3012, 3015, 3020,
Sizes:
5012, 5014, 5020
4010, 4012, 4015, 4018
DESCRIPTION
ETALDOC 1034/1
1 of 14
2012-09-27


Similar Part No. - P7642

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7640 ETAL-P7640 Datasheet
322Kb / 4P
HIGH CURRENT POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7643 ETAL-P7643 Datasheet
1,003Kb / 4P
SMD POWER INDUCTOR
P7644 ETAL-P7644 Datasheet
1Mb / 5P
SMD POWER INDUCTOR
P7645 ETAL-P7645 Datasheet
1,022Kb / 4P
SMD FERRITE BEAD
More results

Similar Description - P7642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com