Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 3 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 3 Page - ETAL Group

  P7642 Datasheet HTML 1Page - ETAL Group P7642 Datasheet HTML 2Page - ETAL Group P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
3015 size
Tolerance code: N=±30%, M=±20%,
3020 size
Tolerance code: N=±30%, M=±20%,
Notes:
1. Powder covered type inductor
2. IDC1: Based on inductance change (∆L/Lo:-30%) @ ambient temp. 25ºC
3. IDC2: Based on temperature rise of about 40ºC typical.
3. Rated DC Current: The lesser value between IDC1 and IDC2.
4. Operating temperature : -40ºC to +105ºC
5. For non-standard inductance values, please contact ETAL.
SPECIFICATIONS
IDC1(A)
IDC2(A)
2.10
2.10
A
1.80
1.82
C
1.48
1.50
E
1.21
1.23
G
1.02
1.04
I
0.87
0.88
K
0.70
0.71
M
0.56
0.56
O
0.47
0.47
Q
0.39
0.37
S
0.32
0.30
U
Rated DC Current
Marking
P7642-3015-1R0N
1.0±30%
0.1V/1M
30m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)
±20%
P7642-3015-1R5N
1.5±30%
0.1V/1M
40m
P7642-3015-2R2M
2.2±20%
0.1V/1M
60m
P7642-3015-3R3M
3.3±20%
0.1V/1M
80m
P7642-3015-4R7M
4.7±20%
0.1V/1M
0.12
P7642-3015-6R8M
6.8±20%
0.1V/1M
0.16
P7642-3015-100M
10±20%
0.1V/1M
0.23
P7642-3015-150M
15±20%
0.1V/1M
0.36
P7642-3015-220M
22±20%
0.1V/1M
0.52
P7642-3015-330M
33±20%
0.1V/1M
0.84
P7642-3015-470M
47±20%
0.1V/1M
1.34
IDC1(A)
IDC2(A)
2.40
2.20
B
2.10
2.10
C
1.60
1.90
E
1.40
1.65
G
1.20
1.40
I
1.00
1.20
K
0.80
0.88
M
0.53
0.67
Q
0.44
0.52
S
Rated DC Current
Marking
P7642-3020-1R2N
1.2±30%
0.1V/1M
34m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)±20%
P7642-3020-1R5N
1.5±30%
0.1V/1M
39m
P7642-3020-2R2M
2.2±20%
0.1V/1M
48m
P7642-3020-3R3M
3.3±20%
0.1V/1M
70m
P7642-3020-4R7M
4.7±20%
0.1V/1M
96m
P7642-3020-6R8M
6.8±20%
0.1V/1M
0.14
P7642-3020-100M
10±20%
0.1V/1M
0.20
P7642-3020-220M
22±20%
0.1V/1M
0.42
P7642-3020-330M
33±20%
0.1V/1M
0.59
ETALDOC 1034/1
3 of 14
2012-09-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com