Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 7 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 7 Page - ETAL Group

Back Button P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group P7642 Datasheet HTML 10Page - ETAL Group P7642 Datasheet HTML 11Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
5020 size
Tolerance code: N=±30%, M=±20%,
Notes:
1. Powder covered type inductor
2. IDC1: Based on inductance change (∆L/Lo:-30%) @ ambient temp. 25ºC
3. IDC2: Based on temperature rise of about 40ºC typical.
3. Rated DC Current: The lesser value between IDC1 and IDC2.
4. Operating temperature : -40ºC to +105ºC
5. For non-standard inductance values, please contact ETAL.
SPECIFICATIONS
IDC2 ( A )
Marking
5.10
R47
3.90
1R0
3.90
1R2
3.30
1R5
2.80
2R2
2.50
3R3
2.30
3R9
2.10
4R7
1.70
6R8
1.45
100
1.10
150
0.87
220
0.65
330
IDC1 ( A )
P7642-5020-R47N
0.47±30%
0.1V/1M
15m
7.0
Part No.
Inductance
( uH )
Test Frequency
( Hz )
RDC (
)
±20%
5.5
P7642-5020-1R2N
3.3±30%
0.1V/1M
25m
5.0
P7642-5020-1R0N
1.0±30%
0.1V/1M
25m
4.5
P7642-5020-2R2N
2.2±30%
0.1V/1M
42m
3.6
P7642-5020-1R5N
1.5±30%
0.1V/1M
30m
3.2
P7642-5020-3R9N
3.9±30%
0.1V/1M
74m
3.2
P7642-5020-3R3N
3.3±30%
0.1V/1M
61m
2.9
P7642-5020-6R8M
6.8±20%
0.1V/1M
0.10
2.3
P7642-5020-4R7M
4.7±20%
0.1V/1M
84m
1.8
P7642-5020-150M
15±20%
0.1V/1M
0.22
1.5
P7642-5020-100M
10±20%
0.1V/1M
0.14
1.3
P7642-5020-330M
33±20%
0.1V/1M
0.50
1.0
P7642-5020-220M
22±20%
0.1V/1M
0.32
ETALDOC 1034/1
7 of 14
2012-09-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com