Electronic Components Datasheet Search
  English  ▼

X  

P7642 Datasheet(PDF) 5 Page - ETAL Group

Part # P7642
Description  SMD POWER INDUCTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7642 Datasheet(HTML) 5 Page - ETAL Group

  P7642 Datasheet HTML 1Page - ETAL Group P7642 Datasheet HTML 2Page - ETAL Group P7642 Datasheet HTML 3Page - ETAL Group P7642 Datasheet HTML 4Page - ETAL Group P7642 Datasheet HTML 5Page - ETAL Group P7642 Datasheet HTML 6Page - ETAL Group P7642 Datasheet HTML 7Page - ETAL Group P7642 Datasheet HTML 8Page - ETAL Group P7642 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
4015 size
Tolerance code: N=±30%, M=±20%,
4018 size
Tolerance code: N=±30%, M=±20%,
Notes:
1. Powder covered type inductor
2. IDC1: Based on inductance change (∆L/Lo:-30%) @ ambient temp. 25ºC
3. IDC2: Based on temperature rise of about 40ºC typical.
3. Rated DC Current: The lesser value between IDC1 and IDC2.
4. Operating temperature : -40ºC to +105ºC
5. For non-standard inductance values, please contact ETAL.
SPECIFICATIONS
IDC1 (A)
IDC2 ( A )
3.3
2.40
A
2.8
2.05
C
2.3
1.75
E
1.9
1.55
G
1.6
1.40
I
1.3
1.20
K
1.1
1.00
M
0.85
0.82
O
0.73
0.67
Q
0.61
0.58
S
0.52
0.43
U
Rated DC Current
Marking
P7642-4015-1R0N
1.0±30%
0.1V/1M
35m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)±20%
P7642-4015-1R5N
1.5±30%
0.1V/1M
43m
P7642-4015-2R2M
2.2±20%
0.1V/1M
56m
P7642-4015-3R3M
3.3±20%
0.1V/1M
76m
P7642-4015-4R7M
4.7±20%
0.1V/1M
0.11
P7642-4015-6R8M
6.8±20%
0.1V/1M
0.15
P7642-4015-100M
10±20%
0.1V/1M
0.22
P7642-4015-150M
15±20%
0.1V/1M
0.32
P7642-4015-220M
22±20%
0.1V/1M
0.47
P7642-4015-330M
33±20%
0.1V/1M
0.65
P7642-4015-470M
47±20%
0.1V/1M
1.08
IDC1 (A)
IDC2 ( A )
4.00
1.83
A
2.70
1.44
E
2.00
1.23
G
1.70
1.20
I
1.50
1.06
K
1.20
0.84
M
P7642-4018-100M
10±20%
0.1V/1M
0.18
P7642-4018-6R8M
6.8±20%
0.1V/1M
0.13
P7642-4018-4R7M
4.7±20%
0.1V/1M
90m
P7642-4018-3R3M
3.3±20%
0.1V/1M
70m
P7642-4018-2R2M
2.2±20%
0.1V/1M
60m
Rated DC Current
Marking
P7642-4018-1R0N
1.0±30%
0.1V/1M
30m
Part No.
Inductance
( uH )
Test Frequency
( Hz )
Resistance
RDC (
)±20%
ETALDOC 1034/1
5 of 14
2012-09-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com