Electronic Components Datasheet Search
  English  ▼

X  

AD6426XST Datasheet(PDF) 36 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 32Page - Analog Devices AD6426XST Datasheet HTML 33Page - Analog Devices AD6426XST Datasheet HTML 34Page - Analog Devices AD6426XST Datasheet HTML 35Page - Analog Devices AD6426XST Datasheet HTML 36Page - Analog Devices AD6426XST Datasheet HTML 37Page - Analog Devices AD6426XST Datasheet HTML 38Page - Analog Devices AD6426XST Datasheet HTML 39Page - Analog Devices AD6426XST Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 36 -
Confidential Information
TIMING CHARACTERISTICS
High Speed Logging Interface
Parameter
Comment ( see Figure 17)
Min
Typ
Max
Units
t50
HSCLK Period
25.6
ns
t51
HSCLK Width Low
8.3
ns
t52
HSCLK Width High
8.3
ns
t53
HSCLK to HSLDO
0
15
ns
t54
HSCLK to HSLFS
0
15
ns
HSLDO3:0
HSCLK
HSLFS
1
2
3
4
1
t50
t51
t52
t54
t53
Figure 17. High Speed Logging Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com