Electronic Components Datasheet Search
  English  ▼

X  

AD6426XST Datasheet(PDF) 30 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 26Page - Analog Devices AD6426XST Datasheet HTML 27Page - Analog Devices AD6426XST Datasheet HTML 28Page - Analog Devices AD6426XST Datasheet HTML 29Page - Analog Devices AD6426XST Datasheet HTML 30Page - Analog Devices AD6426XST Datasheet HTML 31Page - Analog Devices AD6426XST Datasheet HTML 32Page - Analog Devices AD6426XST Datasheet HTML 33Page - Analog Devices AD6426XST Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 30 -
Confidential Information
Pin Name in
Normal Mode (A)
Pin Function in
Emulation Mode (D)
GPO10
WAIT
O
GPCS
-
TRI
FLASHPWD
Forced High
O
DISPLAYCS
DISPLAYCS
I/O
GPIO0
Reserved
O
GPIO1
Forced High/
BANDSELECT1
O
GPIO2
Forced High/
BANDSELECT0
O
GPIO3
Forced High/DISPA0
O
GPIO4
Forced High/DISPCLK
O
GPIO5
Forced High/BATID
O
GPIO6
Reserved
O
GPIO7
Reserved
TRI
FLASHPWD can also be used as WAIT input, in which case it
is routed through and gated with the LCDWAIT to be output
on the WAIT output pin GPO10/ADD20. If the on-chip LCD
controller is not used in emulation, then ADD20 pin can be
used as ccGPO(10).
FEATURE MODES
Two additional features can be enabled under software
control.
These are; DAI Mode (Digital Audio Interface) and HSL
Mode (High Speed Logging) used to monitor the operation of
the on-chip DSP.
DAI Mode
This mode is selected during type approval, when Digital
Audio Interface is required. To enable this feature, the
JTAGEN pin must be de-asserted, upon which the JTAG pins
TMS, TDI and TDO are re-assigned as shown in Table 25.
The default feature mode thus enabled is DAI. In addition, the
voiceband serial port signals are made available through the
USC to facilitate testing of the speech transcoder as well as
the phone’s acoustic properties. The DAI box interface product
is available upon request from Analog Devices.
Table 25. DAI Mode
AD6426 Pin
Function in DAI Mode
I/O
VSCLK
MSCLK
I
VSFS
MSFS
I
VSDO
MSRXD
O
VSDI
MSTXD
I
TMS
DAIRESET
O
TDI
DAI1
O
TDO
DAI0
I
High Speed Logging
This mode is selected for monitoring the operation of the
internal DSP during the development and field test phase.
When the JTAGEN pin is de-asserted and the HSLEnable flag
in the TESTADDRESS CC Control Register 33 is set, a high
speed logging port is mapped on the JTAG- and EEPROM
pins as shown in Table 26. The internal DSP must then be
instructed via Layer 1 to output logging messages onto the
HSL pins.
Table 26. HSL Mode
AD6426 Pin
Function in HSL Mode
TCK
HSLDO0
O
TMS
HSLDO1
O
TDO
HSLDO2
O
TDI
HSLDO3
O
EEPROMCLK
HSLCLK
O
EERPROMEN
HSLFS
O
The High Speed Logging port (HSL) is an unidirectional port
which supplies nibble-wide synchronous data from the internal
DSP to an external data logger. The data logger will be
connected to a PC which will be responsible for presenting the
data to the user. The PC is able to configure the HSL via
either one of the serial interfaces.
The HSL is enabled as follows:
•
The JTAGEN pin is set to 0
•
The H8 enables the HSL logic by setting the HSLEnable
flag
•
On a command issued through the Data Interface, the H8
configures the DSP software to enable HSL
The HSLEnable flag is used to deselect DAIRESET in favor of
the HSL onto the JTAG pins, and enable the HSL onto
EEPROMCLK and EEPROMEN.
The DSP sends data over the port by writing to address 0x000
in the Data Memory map. The writes are full 16-bit writes,
and can occur at a maximum rate of one write per five 39 MHz
clock cycles. Five cycles allow time for the HSL circuit to
serialize the 16 bits of data onto the 4-bit data bus with one
cycle to spare. HSLFS is used to frame the valid data nibbles.
Note that HSCLK is free-running , and that HSLFS and
HSLDO3-0 are synchronized to the rising edge of HSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com