Electronic Components Datasheet Search
  English  ▼

X  

AD6426XST Datasheet(PDF) 24 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 20Page - Analog Devices AD6426XST Datasheet HTML 21Page - Analog Devices AD6426XST Datasheet HTML 22Page - Analog Devices AD6426XST Datasheet HTML 23Page - Analog Devices AD6426XST Datasheet HTML 24Page - Analog Devices AD6426XST Datasheet HTML 25Page - Analog Devices AD6426XST Datasheet HTML 26Page - Analog Devices AD6426XST Datasheet HTML 27Page - Analog Devices AD6426XST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 24 -
Confidential Information
Rx Timing Control
RXON
The signal at the output pin RXON is generated by the
function Receive Enable OR Monitor Enable of the RADIO
CONTROL CC Control Register 2. It can be used to enable
the RF receiver and controls the RXON-pin of the AD6425. In
radios based on the Siemens solution this signal would be
connected to the RXON1 input. Additional RXON derived
signals are provided to support this solution.
Bit
RADIO CONTROL CC Control Register 2
2
Monitor Enable
1
Receive Enable
CALIBRATERADIO
The 4 modes of the Autocalibrate signal (Type 0 & 1, AutoCal
on/off) are provided as required by the ADI or Philips solution
and shown in Figure 8.
TYPE=0, AUTOCAL=0
TYPE=0, AUTOCAL=1
TYPE=1, AUTOCAL=0
TYPE=1, AUTOCAL=1
RxEnable
Start (late)
RxEnableEnd
AutoCalibrateEnd
RxEnable
Start (early)
RXON
Figure 8. Autocalibration
The flags Autocalibrate and Calibrate Radio in the SYSTEM
CC Control Register 0 are OR´ed and connected to the output
pin CALIBRATERADIO.
Bit
the SYSTEM CC Control Register 0
7
Autocalibrate
Enables the autocalibrate function if set to 1;
3
Calibrate Radio
The type of autocalibration is set in the TRAFFIC MODE CC
Control Register 6
Bit
TRAFFIC MODE CC Control Register 6
3
Autocalibration Type
In radios based on the Siemens chipset, this signal would
connect to the RXON2 input. The required behavior is enabled
by selecting the Type 1 CalibrateRadio function.
Synthesizer Control
The radio interface of the AD6426 supports 2 dynamic
synthesizers, with each capable of downloading data on
demand.
The two Synthesizer Load Dynamic flags located in the
SYNTH CONTROL CC Control Register 38, will set the
synthesizer interface to load 3 consecutive long-words from
Layer 1.
Bit
SYNTH CONTROL CC Control Register 38
7
Synthesizer Enable Polarity
Selects the polarity of the SYNTHEN outputs.
If set to 0, SYNTHEN is an active low signal,
if set to 1, SYNTHEN is an active high signal.
6
Synthesizer Enable Type
Selects the active period of the SYNTHEN outputs.
When set to 0, SYTHEN is active for all data values
determined by SYNTHESIZER BIT COUNT; when
set to 1, SYNTHEN goes active after the last bit for
one SYNTHCLK period.
2
Synthesizer Load Dynamic 1 (SLD1)
1
Synthesizer Load Dynamic 0 (SLD0)
When using the Configure Dynamic Synthesizer flag in the
SYNTH BIT COUNT CC Control Register 37, the download-
on-demand function is applied to the synthesizer selected by
SLD0 or SLD1.
Bit
SYNTH BIT COUNT CC Control Register 37,
6
Configure Dynamic Synthesizer
Each dynamic synthesizer is comprised of three 32-bit word
registers, for the Rx, Tx and Monitor phases. The download
on demand uses the Rx register only for the respective
synthesizer.
Bit
SYNTHESIZER 1 CC Control Register 40
7 : 0
Synthesizer (31:24)
Bit
SYNTHESIZER 2 CC Control Register 41
7 : 0
Synthesizer (23:16)
Bit
SYNTHESIZER 3 CC Control Register 42
7 : 0
Synthesizer (15:8)
Bit
SYNTHESIZER 4 CC Control Register 43
7 : 0
Synthesizer (7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com