Electronic Components Datasheet Search
  English  ▼

X  

AD6426XST Datasheet(PDF) 49 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 42Page - Analog Devices AD6426XST Datasheet HTML 43Page - Analog Devices AD6426XST Datasheet HTML 44Page - Analog Devices AD6426XST Datasheet HTML 45Page - Analog Devices AD6426XST Datasheet HTML 46Page - Analog Devices AD6426XST Datasheet HTML 47Page - Analog Devices AD6426XST Datasheet HTML 48Page - Analog Devices AD6426XST Datasheet HTML 49Page - Analog Devices AD6426XST Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
AD6426 Data Sheet Change Summary
June 10, 1998
Page
1 of 2
AD6426 Preliminary Revision 2.3
(Changes from Revision 1.0)
Number
Date
Description of Change
1
5/19/98
Motorola Serial Display mode added.
2
5/19/98
TXENABLE NMI function freeing up the IRQ6 pin added.
3
5/19/98
Dimensional tolerances for BGA package outline drawing added.
4
5/19/98
Memory I/F timing specs separated into characteristics and requirements.
5
5/19/98
Dual band control signals renamed- BANDSELECT0 is multiplexed with GPIO[2], BANDSELECT1
is multiplexed with GPIO[1]. For DB radios requiring a single Bandselect bit, BANDSELECT0 is
enabled. For DB radios requiring 2 Bandselect bits then both BANSELECT0,1 can be enabled.
These signals were previously referred to as BANDSELECT and DCSSEL.
6
5/19/98
VBC and radio I/F diagram in Figure 6 updated to show a generic DB radio I/F.
7
5/19/98
DAI I/F Pins updated to be consistent with DAI Box users manual.
8
5/19/98
GPIO[7:0] Pin functions in Mode D (Table 24) were incorrectly listed as being all Tristate outputs.
The correct function is GPIO7 = TRI and GPIO[6:0] = O.
9
5/20/98
Requirements for 32kHz crystal for slow clocking added.
10
5/20/98
Pin functions in Emulation mode GPO 0,6,7 in Table 24 are renamed to reserve.
11
5/20/98
Memory Interface Timing Specification: read timing specs changed to max with the exception of
Control Processor data hold and Parameters broken out separately into requirements and
characteristics.
12
6/9/98
In Fig 24 the following pins were incorrectly labeled and thus changed;
a) Pin 45 from HWR to UBS
b) Pin 46 from LWR to LBS
c) Pin 98 from GND to VDD
d) Pin 99 from VDD to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com