Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
across the fan until the desired speed is reached. Open-
loop operation allows the µC to regulate fan speed direct-
ly. The µC reads the fan speed from the Tach-
ometer-Count Register. Based on the tachometer
count, the µC decides if the fan speed requires adjust-
ment, and changes the voltage across the fan by writ-
ing an 8-bit word to the DAC Register. Full-on mode
applies the maximum voltage across the fan, forcing it
to spin at full speed. Configuring GPIO1 (see the
General-Purpose Input/Output section) as an active-low
input provides additional hardware control that fully
turns on the fan and overrides all software commands.
General-Purpose Input/Output
The GPIO pins connect to the drain of the internal N-
channel MOSFET and pullup resistor (Figure 5). When
the N-channel MOSFET is off (Table 5), the pullup resis-
tor provides a logic-level high output. However, with the
MOSFET off, the GPIO may serve as an input pin and
its state is read from the GPIO Status Register (Table
6). The MAX6650/MAX6651 power up with the MOSFET
off, so input signals may be safely connected to the
GPIO pins. When using the GPIO pin as a general-pur-
pose output, change the output by writing to the GPIO
Definition Register.
GPIO0 may be configured as an ALERT output that will
go low whenever a fault-condition is detected (see the
Alarm-Enable and Status Registers section). GPIO1
may be configured as a FULL ON input to allow hard-
ware control to fully turn on the fan in case of software
or µC failure. GPIO2 (MAX6651 only) may be config-
ured as an internal clock output or as an external clock
input to allow synchronization of multiple devices.
Alarm-Enable and Status Registers
The alarms are enabled only when the appropriate bits of
the Alarm-Enable Register are set (Table 7). The maxi-
mum and minimum output level alarms function only
when the device is configured to operate in the closed-
loop mode (see the
Configuration-Byte Register section).
The Alarm Status Register allows the system to deter-
mine which alarm caused the alert output (Table 8).
The set-alarm and alert outputs clear after reading the
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
10
Maxim Integrated
MAX6650/MAX6651
Table 4. Configuration Byte Register
Figure 5. General-Purpose Input/Output Structure
MAX6650
MAX6651
100k
Ω
GPIO
STATUS
REGISTER
VCC
3.0V TO 5.5V
VCC
CBYPASS
GPIO_
GND
GPIO
DEFINITION
REGISTER
BIT
NAME
POR (DEFAULT)
STATE
FUNCTION
5 to 4
7 (MSB) to 6
—
0
Always 0
Operating Mode:
00 = Software full-on (default)
01 = Software off (shutdown)
10 = Closed-loop operation
11 = Open-loop operation
00
MODE
3
5/12V
1
Fan/Tachometer Voltage:
0 = 5V
1 = 12V (default)
2 to 0 (LSB)
SCALE
010
Prescaler Division:
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4 (default)
011 = Divide by 8
100 = Divide by 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com