Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 18Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 19Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 20Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 21Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 22Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 23Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 24Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
We will start with KSCALE = 2 (to increase stability, a 4
could be tried, or to improve response time, a 1 could
be tried).
Second, calculate the appropriate value for the Speed
Register (KTACH) using equation 2.
• Set FanSpeed = 25RPS (1500PRM/60).
• Solving for equation 2 gives KTACH = 78 for KSCALE
= 2, KTACH = 39 for KSCALE = 1, or KTACH = 158 for
K = 4.
Determining the Tachometer Count Time
To monitor the fan speed using the SMBus/I2C, the next
step is to determine the tachometer count time. In sys-
tems running in open-loop mode, this is necessary. In
closed-loop or full-speed mode, reading the tachome-
ter can serve as a valuable check to ensure the fan and
the control loop are operating properly.
The MAX6650/MAX6651 use an 8-bit counter to count
the tachometer pulses. This means the device can
count from 0 to 255 tachometer pulses before overflow-
ing. The MAX6650/MAX6651 can accommodate a large
range of fan speeds by allowing the counting interval to
be programmed. Smaller/faster fans should use smaller
count times. Although larger fans could also use small-
er count times, resolution would suffer. Choose the
slowest count time that will not overflow under worst-
case conditions. Fans are mechanical devices, and
their speeds are subject to large tolerance variations. If
an overflow does occur, the counter will read 255. The
MAX6650/MAX6651 can be configured to generate an
alert if an overflow is encountered (see
Setting Up
Alarms). Note that the prescaler value has no effect on
the TACH0 register.
Enter the appropriate count-time value in the tachometer
count-time register.
Example:
Assume a 12V fan rated at 2000 RPM.
To accommodate large tolerance variations, choose a
count time appropriate for a maximum speed of
3000RPM; 3000RPM is 50RPS and generates a 100Hz
(2 pulses/revolution) tachometer signal. Table 9 indi-
cates a count time of 2s will optimize resolution. With a
2s count time, speeds as fast as 3825RPM can be
monitored without overflow. The minimum resolution will
be 15RPM or 0.75% of the rated speed of 2000RPM.
Setting Up the GPIOs
To increase versatility, the MAX6650/MAX6651 have
two and five general-purpose digital inputs/outputs,
respectively. These GPIOs can be configured through
the SMBus/I2C.
Digital Out Low
All GPIOs can be configured to output a logic-level low.
The MAX6650/MAX6651 are designed to sink up to
10mA. This high sink current can be especially useful
for driving LEDs.
On the MAX6651, for GPIO3 and GPIO4, write a zero to
the appropriate location in the GPIO definition register.
For GPIO0, GPIO1, and (MAX6551 only) GPIO2, write a
10 to the appropriate location in the GPIO definition
register.
Digital Out High
All GPIOs can be configured to generate a logic-level
high. An output high is generated using an open-drain
output stage with an internal pullup resistor of nominally
100k
Ω. The MAX6650/MAX6651 power-up default state
is with all GPIOs configured as output highs.
On the MAX6651, for GPIO3 and GPIO4, write a 1 to
the appropriate location in the GPIO definition register.
For GPIO0, GPIO1, and (MAX6551 only) GPIO2, write
an 11 to the appropriate location in the GPIO definition
register.
Digital Input
Since a logic-level high output is open drain with an
internal pullup, an external device can actively pull this
pin low. The MAX6650/MAX6651 allow the user to read
the GPIO value through the GPIO status register.
• Configure the GPIO as an output logic level high (see
above).
• Read the state of the GPIO by reading the GPIO sta-
tus register.
Alert Output
GPIO0 can also serve as an ALERT output. The ALERT
output is designed to drive an interrupt on a µC. The
ALERT output goes low whenever an enabled alarm
condition occurs (see
Setting Up Alarms).
Configure GPIO0 as an ALERT output by writing a 01 to
bits 1 and 0 of the GPIO definition register.
Full-On Input
GPIO1 can also be configured as a full-on input. When
the full-on pin is pulled low, the MAX6650/MAX6651
apply the full available voltage across the fan. This hap-
pens independently of the software mode of operation.
This is a particularly valuable feature in high-reliability
systems, designed to prevent software malfunctions
from causing system overheating.
Configure GPIO1 as a full-on input by writing a 01 to
bits 3 and 2 of the GPIO definition register.
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
22
Maxim Integrated
MAX6650/MAX6651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com