Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
14
Maxim Integrated
MAX6650/MAX6651
impedance of the tachometer input (150k
Ω max) or the
feedback input (150k
Ω max).
Compensation Capacitor
A compensation capacitor is needed from the fan’s low
side to ground to stabilize the analog control loop.
Typically, this capacitor should be 10µF, but depend-
ing on the type of fan being used, a value between 1µF
and 100µF may be required. The proper value has
been selected when no ringing is present on the volt-
age at the fan’s low side.
Fan Selection
For closed-loop operation and fan monitoring, the
MAX6650/MAX6651 require fans with tachometer outputs.
A tachometer output is typically specified as an option on
many fan models from a variety of manufacturers. Verify
the nature of the tachometer output (open collector, totem-
pole) and the resultant levels, and configure the connec-
tion to the MAX6650/MAX6651 accordingly. Note how
many pulses per revolution are generated by the
tachometer output (this varies from model to model and
among manufacturers, though two pulses per revolution is
the most common).
Table 10 lists the representative fan manufacturers and
the models they make available with tachometer outputs.
Low-Speed Operation
Brushless DC fans increase reliability by replacing
mechanical commutation with electronic commutation. By
lowering the voltage across the fan to reduce its speed,
the MAX6650/MAX6651 are also lowering the supply volt-
age for the electronic commutation and tachometer elec-
tronics. If the voltage supplied to the fan is lowered too
far, the internal electronics may no longer function prop-
erly. Some of the following symptoms are possible:
• The fan may stop spinning.
• The tachometer output may stop generating a signal.
• The tachometer output may generate more than two
pulses per revolution.
The problems that occur, and the supply voltages at
which they occur, depend on which fan is used. As a
Figure 7. Using the MAX6651 to Control Parallel Fans
MAX6651
VCC
SCL
10k
Ω
10k
Ω
10k
Ω
SDA
GPIO0
OUT
ADD
GND
FB
TACH0
TACH1
TACH2
VCC
3V TO 5.5V
VFAN 5V OR 12V
CCOMP
SMBus/I2C
INTERFACE
GPIO1
FAN
0
FAN
1
FAN
2
FULL ON
ALERT
MANUFACTURER
FAN MODEL OPTION
Comair Rotron
All DC brushless models can be
ordered with optional tachometer
output.
EBM-Papst
Tachometer output optional on some
models.
NMB
All DC brushless models can be
ordered with optional tachometer
output.
Panasonic
Panaflo and flat unidirectional
miniature fans can be ordered with
tachometer output.
Sunon
Tachometer output optional on some
models.
Table 10. Fan Manufacturers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com