Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 18Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
Maxim Integrated
15
MAX6650/MAX6651
very rough rule of thumb, 12V fans can be expected to
experience problems somewhere around 1/4 to 1/2
their rated speed.
Predicting Future Fan Failure
In systems that require maximum reliability, such as
servers and network equipment, it can be advantageous
to predict fan failure before it actually happens, to alert
the system operator before the fan fails, minimizing down
time. The MAX6650 allows the user to monitor the fan’s
condition through the following modes.
Full-On Mode
By occasionally (over a period of days or weeks) turning
the fan on full and measuring the resultant speed, a
failing fan can be detected by a trend of decreasing
speeds at a given power-supply voltage. Power-up is a
convenient time to measure the maximum fan speed.
Open-Loop Mode
The fan’s condition can also be monitored using open-
loop mode. By characterizing the fan while it is new,
fan failure can be determined by writing a predeter-
mined value to the DAC and measuring the resultant
fan speed. A decrease over time of the resultant speed
may be an indication of future fan failure.
Closed-Loop Mode
The MAX6650 allows the system to read the DAC value
used to regulate the fan speed. For a given speed, a
significant change in the required DAC value may indi-
cate future fan problems.
Monitoring More than 4 Fans
Use the MAX6651 to monitor up to four fans at a time
(Figure 7). For systems requiring more than four fans,
Figure 8 shows an application using an analog multi-
plexer (mux) to monitor 11 fans. GPIO2, GPIO3, and
GPIO4 are connected to the mux’s address pins. By
writing the appropriate value to the GPIO pins, the
desired tachometer gets selected and counted by the
TACH3 input. Because the TACH inputs are double-
buffered, and only sampled every other time slot, it is
important to wait at least 4 times the tachometer count
time before reading the register after changing the mux
address. In the extreme case, a total of 25 fans can be
monitored using three multiplexers connected to
TACH1, TACH2, and TACH3. Do not connect TACH0 to
a mux if the MAX6651 is under closed-loop mode.
N + 1 Fan Application
As shown in Figure 9, if any MAX6650 cannot maintain
speed regulation, all other fans will automatically be
turned on full. This can be useful in high-reliability sys-
tems where any single fan failure should not cause
MAX6651
TACH0
TACH1
TACH2
TACH3
GPIO4
GPIO3
GPIO2
MAX4051
VCC
3V OR 5.5V
COM
ADDA
ADDB
ADDC
INH
GND
V-
NO0
NO1
NO2
NO3
NO4
NO5
NO6
FAN TACH 4
FAN TACH 9
FAN TACH 5
FAN TACH 6
FAN TACH 7
FAN TACH 8
FAN TACH 1
FAN TACH 2
FAN TACH 3
FAN TACH 10
NO7
FAN TACH 11
TO FAN VOLTAGE
5V OR 12V
Figure 8. Monitoring Multiple Fans



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com