| Electronic Components Datasheet Search |
|
MAX6651EEE Datasheet(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6651EEE Datasheet(HTML) 16 Page - Maxim Integrated Products |
|
16 / 25 page ![]() downtime. The system should be designed so that the number of fans used is one more than are actually needed. This way, there is sufficient cooling even if a fan fails. With all fans operating correctly, it is unneces- sary to run the fans at their maximum speed. Reducing fan speed can reduce noise and increase the life of the fans. However, once a fan fails, it is important that the remaining fans spin at their maximum speed. In Figure 9, all the GPIO0s are configured as ALERT outputs, and all the GPIO1s are configured as FULL ON inputs. If any MAX6650 generates an ALERT (indicating failure), the remaining MAX6650s will auto- matically turn their fans on full. Temperature Monitoring and Fan Control The circuit shown in Figure 10 provides complete tem- perature monitoring and fan control. The MAX1617A (a remote/local temperature serial interface with SMBus) monitors temperature with a diode-connected transis- tor. Based on the temperature readings provided by the MAX1617A, the µC can adjust the fan speed pro- portionally with temperature. Connecting the ALERT output of the MAX1617A to the FULL ON input of the MAX6650/MAX6651 (see the General-Purpose Input/ Output section) allows the fan to turn on fully if the MAX1617A detects an overtemperature condition. MAX6501 Hardware Fail-Safe Figure 11 shows an application using a MAX6501 as a hardware fail-safe. The MAX6650 has its GPIO1 config- ured as FULL ON input. The MAX6501 TOVER pin goes low whenever its temperature goes above a preset value. This pulls the FULL ON pin (GPIO1) low, forcing the fan to spin at its maximum speed. Figure 12 shows the use of multiple MAX6501s. The MAX6501 has an open-drain output, allowing multiple devices to be wire ORed to the FULL ON input. This configuration allows fail-safe moni- toring of multiple locations around the system. Hot-Swap Application Hot swapping of a fan can be detected using the circuit in Figure 13 where GPIO2 is configured to generate an alert whenever it is pulled low. As long as the fan card is connected, GPIO2 is high. However, when the fan card is removed, a 2.2k Ω resistor pulls GPIO2 low, causing an interrupt. This signals to the system that a hot swap is occurring. Step-by-Step Part Selection and Software Setup Determining the Fan System Topology The MAX6650/MAX6651 support three fan system topologies. These are single fan control, parallel fan control, and synchronized fan control. Single Fan Control The simplest configuration is a single MAX6650 for each fan. If two or more fans are required per system, then additional MAX6650 controllers are used (one per fan). The advantage of this configuration is the ability to Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface 16 Maxim Integrated MAX6650/MAX6651 MAX6650 GPIO1 MAX6650 GPIO1 MAX6650 GPIO1 FAN 1 FAN 2 FAN 3 MAX6650 GPIO1 FAN 4 GPIO0 GPIO0 GPIO0 GPIO0 ALERT FULL ON ALERT ALERT ALERT FULL ON FULL ON FULL ON TO INT PIN ON NC Figure 9. N + 1 Application |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |