Electronic Components Datasheet Search
  English  ▼

X  

MAX6651EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX6651EEE
Description  Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6651EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX6651EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 17Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 18Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 19Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 20Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 21Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 22Page - Maxim Integrated Products MAX6651EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Fan-Speed Regulators and Monitors
with SMBus/I2C-Compatible Interface
Maxim Integrated
19
MAX6650/MAX6651
For parallel fan control while monitoring only a single
fan, select the MAX6650.
Synchronized Fan Control (MAX6651 Only)
In systems with multiple fans, an audible beat frequency
can sometimes be detected due to fan speed mismatch.
This happens in systems where fans are connected in
parallel or in systems with a MAX6650 controlling each
fan. In parallel fan systems, speed mismatches occur
because no two fans are identical. Slight mechanical
variations or loading differences can result in enough of
a speed mismatch to cause an audible beat.
Even in systems where there is a MAX6650/MAX6651
for each fan, there can still be speed mismatches. This
is primarily due to the oscillator tolerance. The
MAX6650/MAX6651 oscillator tolerance is specified to
be ±10%. In the worst case, this could result in a 20%
(one 10% high, one 10% low) speed mismatch.
The solution is to use a single MAX6651 for each fan,
and configure the parts to use a shared clock. The
shared clock can either be an external system clock or
one of the MAX6651’s internal clocks. If an external
clock is used, its frequency can range from approxi-
mately 50kHz to 500kHz.
For synchronized fan control, select the MAX6651.
Combination
In more complex systems, a combination of some or all
of the above control types may be needed.
Choosing a Fan
Once the topology is chosen, the next step is to choose
a fan. See the appropriate section.
Enter a zero in bit 3 of the configuration register for a
5V fan and 1 for a 12V fan.
Configuring this bit also adjusts the tachometer input
threshold voltage. This optimizes operation of the
MAX6650/MAX6651 for the operating voltage of the fan
being used.
Setting the Mode of Operation
The MAX6650/MAX6651 have four modes of operation
as determined by bits 5 and 6 of the configuration reg-
ister: full on, full off, open loop, and closed loop.
Full-On
The full-on mode applies the maximum available volt-
age across the fan, guaranteeing maximum cooling.
Full-on mode can be entered through software or hard-
MAX6651
VCC
SCL
10k
Ω
SDA
GPIO0
OUT
ADD
GND
FB
TACH0
VCC
3V TO 5.5V
VFAN
5V OR 12V
CCOMP
10
μF
SMBus/I2C
INTERFACE
GPIO1
GPIO2
FULL ON
ALERT
FAN
2.2k
Ω
VID
HOT-SWAP SECTION
Figure 13. Hot-Swap Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com