Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14830 Datasheet HTML 1Page - Maxim Integrated Products MAX14830 Datasheet HTML 2Page - Maxim Integrated Products MAX14830 Datasheet HTML 3Page - Maxim Integrated Products MAX14830 Datasheet HTML 4Page - Maxim Integrated Products MAX14830 Datasheet HTML 5Page - Maxim Integrated Products MAX14830 Datasheet HTML 6Page - Maxim Integrated Products MAX14830 Datasheet HTML 7Page - Maxim Integrated Products MAX14830 Datasheet HTML 8Page - Maxim Integrated Products MAX14830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Quad Serial UART with 128-Word FIFOs
MAX14830
EVALUATION KIT AVAILABLE
19-5547; Rev 3; 1/13
General Description
The MAX14830 is an advanced quad universal asyn-
chronous receiver-transmitter (UART), each UART hav-
ing 128 words of receive and transmit first-in/first-out
(FIFO) and a high-speed serial peripheral interface
(SPIK) or I2C controller interface. A PLL and fractional
baud-rate generators allow a high degree of flexibility in
baud-rate programming and reference clock selection.
Each of the four UARTs is selected by in-band SPI/I2C
addressing. Logic-level translation on the transceiver
and controller interfaces allows ease of interfacing to
microcontrollers, FPGAs, and transceivers that are pow-
ered by differing supply voltages.
Extensive features simplify transceiver control in half-
duplex communication applications. The MAX14830
features the ability to synchronize the start of individual
UART’s transmission by SPI-based triggering. On-board
timers allow programming of delays between transmit-
ters as well as clock generation on GPIOs.
The 128-word FIFOs have advanced FIFO control reduc-
ing host processor data flow management.
The MAX14830 is available in a 48-pin TQFN (7mm x
7mm) package and is specified to operate over the
extended -40NC to +85NC temperature range.
Applications
Industrial Control Systems
Programmable Logic Controllers (PLC)
IO-Link Master Controllers
Automotive Infotainment Systems
Medical Systems
Point-of-Sales Systems
Airplane Communication Buses
Features
S
SPI Up to 26MHz Clock Rate
S
Fast-Mode Plus (Fm+) I2C Interface Up to 1MHz
S
128-Word Transmit and Receive FIFOs Per UART
S
6Mbaud (max) Data Rate in 16x Sampling Mode
S
12/24Mbaud (max) Data Rate in 2x/4x Rate Modes
S
Fractional Baud-Rate Generators, Predivider, and
Phase-Locked Loop (PLL)
S
Transmitter Synchronization Through SPI
Commands
S
Four Timers Routed to GPIOs
S
Automatic Hardware Flow Control Using RTS_
and CTS_ Outputs and Inputs
S
Automatic Software Flow Control (XON/XOFF)
S
Auto Transceiver Direction Control
S
Programmable Setup and Hold Times for
Transceiver Control
S
Auto Transmitter Disable
S
Half-Duplex Echo Suppression
S
Special Character Detection
S
9-Bit Multidrop Mode Address Detection and
Filtering
S
SIR- and MIR-Compliant IrDA® Encoder/Decoders
S
16 Flexible GPIOs with 20mA Drive Capability
S
+2.35V to +3.6V Supply Range
S
Logic-Level Translation Down to 1.61V on
Controller and Transceiver Interfaces
S
Small TQFN (7mm x 7mm) Package
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
SPI is a trademark of Motorola, Inc.
IrDA is a registered service mark of Infrared Data Association
Corporation.
Typical Operating Circuits appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX14830ETM+
-40NC to +85NC
48 TQFN-EP*
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX14830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 15P
Fully Assembled and Tested
Rev 1; 7/12
MAX14830 MAXIM-MAX14830 Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX14830ETM+ MAXIM-MAX14830ETM+ Datasheet
2Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
MAX14830ETM+ MAXIM-MAX14830ETM+ Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
MAX14830EVKIT MAXIM-MAX14830EVKIT Datasheet
1Mb / 15P
Fully Assembled and Tested
Rev 1; 7/12
More results

Similar Description - MAX14830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3108 MAXIM-MAX3108 Datasheet
2Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
Rev 1; 2/11
MAX3109 MAXIM-MAX3109 Datasheet
3Mb / 66P
Dual Serial UART with 128-Word FIFOs Integrated PLL and Divider
Rev 0; 3/11
MAX3107 MAXIM-MAX3107_11 Datasheet
2Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 3; 8/11
MAX3109 MAXIM-MAX3109_12 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
Rev 1; 5/12
MAX3107 MAXIM-MAX3107_15 Datasheet
1Mb / 52P
SPI/I2C UART with 128-Word FIFOs
Rev 7; 5/15
MAX3109 MAXIM-MAX3109_15 Datasheet
1Mb / 66P
Dual Serial UART with 128-Word FIFOs
Rev 3; 2/15
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
MAX3109 MAXIM-MAX3109_V01 Datasheet
2Mb / 66P
Dual Serial UART with 128-Word FIFOs
19-5806; Rev 6; 8/20
MAX3108A MAXIM-MAX3108A Datasheet
1Mb / 56P
SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com