Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 45Page - Maxim Integrated Products MAX14830 Datasheet HTML 46Page - Maxim Integrated Products MAX14830 Datasheet HTML 47Page - Maxim Integrated Products MAX14830 Datasheet HTML 48Page - Maxim Integrated Products MAX14830 Datasheet HTML 49Page - Maxim Integrated Products MAX14830 Datasheet HTML 50Page - Maxim Integrated Products MAX14830 Datasheet HTML 51Page - Maxim Integrated Products MAX14830 Datasheet HTML 52Page - Maxim Integrated Products MAX14830 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
49
Maxim Integrated
Quad Serial UART with 128-Word FIFOs
MAX14830
GPIOConfg—GPIO Configuration Register
Each UART has four GPIOs that can be configured as inputs or outputs and can be operated in push-pull or open-drain
mode. The reference clock must be active for the GPIOs to work.
Bits 7–4: GP[n]OD
Each UART has four individually assigned GPIO outputs as follows: UART0: GPIO0–GPIO3, UART1: GPIO4–GPIO7,
UART2: GPIO8–GPIO11, UART3: GPIO12–GPIO15. For example, for UART0: Bit 4 is GP0OD, Bit 5 is GP1OD, Bit 6 is
GP2OD, and Bit 7 is GP3OD (see Table 5).
Set GP[n]OD bits to 0 to configure the GPIO_s as push-pull outputs, if configured as outputs in GPIOConfg[3:0].
Set the GP[n]OD bits to 1 to configure to open-drain output operation.
When configured as inputs in GPIOConfg[3:0], the GPIO_s are high-impedance inputs with weak pulldowns.
Bits 3–0: GP[n]Out
Each UART has four individually assigned GPIO outputs as follows: UART0: GPIO0–GPIO3, UART1: GPIO4–GPIO7,
UART2: GPIO8–GPIO11, UART3: GPIO12–GPIO15. For example, for UART0: Bit 0 is GP0Out, Bit 1 is GP1Out, Bit 2 is
GP2Out, and Bit 3 is GP3Out (see Table 5).
The GP[n]Out bits configure the GPIO_ to be inputs or outputs. Set the GP[n]Out bits to 1 to configure the associated
GPIO_s as outputs. Set the GP[n]Out bits to 0 to configure the associated GPIOs as inputs.
Table 5. UART GPIO Assignments for GPIO Configuration
ADDRESS:
0x18
MODE:
R/W
BIT
7
6
5
4
3
2
1
0
NAME
GP3OD
GP2OD
GP1OD
GP0OD
GP3Out
GP2Out
GP1Out
GP0Out
RESET
0
0
0
0
0
0
0
0
UART
GP3OD/GP3Out
GP2OD/GP2Out
GP1OD/GP1Out
GP0OD/GP0Out
UART0
GPIO3
GPIO2
GPIO1
GPIO0
UART1
GPIO7
GPIO6
GPIO5
GPIO4
UART2
GPIO11
GPIO10
GPIO9
GPIO8
UART3
GPIO15
GPIO14
GPIO13
GPIO12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com