Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 10Page - Maxim Integrated Products MAX14830 Datasheet HTML 11Page - Maxim Integrated Products MAX14830 Datasheet HTML 12Page - Maxim Integrated Products MAX14830 Datasheet HTML 13Page - Maxim Integrated Products MAX14830 Datasheet HTML 14Page - Maxim Integrated Products MAX14830 Datasheet HTML 15Page - Maxim Integrated Products MAX14830 Datasheet HTML 16Page - Maxim Integrated Products MAX14830 Datasheet HTML 17Page - Maxim Integrated Products MAX14830 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14
Maxim Integrated
Quad Serial UART with 128-Word FIFOs
MAX14830
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TRANSMITTER SYNCHRONIZATION
MAX14830 toc03
200µs/div
TX0
2V/div
138.46kbaud
TX1
2V/div
19.23kbaud
TX2
2V/div
9.615kbaud
TX3
2V/div
6.41kbaud
GPIO_ OUTPUT LOW VOLTAGE
vs. SINK CURRENT (PUSH-PULL)
VOL (V)
3
2
1
20
40
60
80
100
120
140
160
0
04
VEXT = 3.3V
VEXT = 2.5V
VEXT = 1.8V
GPIO_ OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT (PUSH-PULL)
VOH (V)
3
2
1
10
20
30
40
50
60
70
0
04
VEXT = 3.3V
VEXT = 2.5V
VEXT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com