Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 7Page - Maxim Integrated Products MAX14830 Datasheet HTML 8Page - Maxim Integrated Products MAX14830 Datasheet HTML 9Page - Maxim Integrated Products MAX14830 Datasheet HTML 10Page - Maxim Integrated Products MAX14830 Datasheet HTML 11Page - Maxim Integrated Products MAX14830 Datasheet HTML 12Page - Maxim Integrated Products MAX14830 Datasheet HTML 13Page - Maxim Integrated Products MAX14830 Datasheet HTML 14Page - Maxim Integrated Products MAX14830 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
Maxim Integrated
Quad Serial UART with 128-Word FIFOs
MAX14830
AC ELECTRICAL CHARACTERISTICS (continued)
(VA = +2.35V to +3.6V, VL = +1.71V to +3.6V, VEXT = +1.71V to +3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values
are at VA = +2.8V, VL = +1.8V, VEXT = +2.5V, TA = +25NC.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C BUS: TIMING CHARACTERISTICS (SEE FIGURE 1)
SCL Clock Frequency
fSCL
Standard mode
100
kHz
Fast mode
400
Fast mode plus
1000
Bus Free Time Between a STOP
and START Condition
tBUF
Standard mode
4.7
F
s
Fast mode
1.3
Fast mode plus
0.5
Hold Time for START Condition
and Repeated START Condition
tHD:STA
Standard mode
4.0
F
s
Fast mode
0.6
Fast mode plus
0.26
Low Period of the SCL Clock
tLOW
Standard mode
4.7
F
s
Fast mode
1.3
Fast mode plus
0.5
High Period of the SCL Clock
tHIGH
Standard mode
4.0
F
s
Fast mode
0.6
Fast mode plus
0.26
Data Hold Time
tHD:DAT
Standard mode
0
0.9
F
s
Fast mode
0
0.9
Fast mode plus
0
Data Setup Time
tSU:DAT
Standard mode
250
ns
Fast mode
100
Fast mode plus
50
Setup Time for Repeated START
Condition
tSU:STA
Standard mode
4.7
F
s
Fast mode
0.6
Fast mode plus
0.26
Rise Time of SDA and SCL
Signals Receiving
tR
Standard mode (0.3 x VL to 0.7 x VL)
(Note 6)
20 +
0.1Cb
1000
ns
Fast mode (0.3 x VL to 0.7 x VL) (Note 6)
20 +
0.1Cb
300
Fast mode plus
120
Fall Time of SDA and SCL
Signals
tF
Standard mode (0.7 x VL to 0.3 x VL)
(Note 6)
20 +
0.1Cb
300
ns
Fast mode (0.7 x VL to 0.3 x VL) (Note 6)
20 +
0.1Cb
300
Fast mode plus
120
Setup Time for STOP Condition
tSU:STO
Standard mode
4.7
F
s
Fast mode
0.6
Fast mode plus
0.26
Capacitive Load for SDA and
SCL (Note 4)
Cb
Standard mode
400
pF
Fast mode
400
Fast mode plus
550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com