Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 40Page - Maxim Integrated Products MAX14830 Datasheet HTML 41Page - Maxim Integrated Products MAX14830 Datasheet HTML 42Page - Maxim Integrated Products MAX14830 Datasheet HTML 43Page - Maxim Integrated Products MAX14830 Datasheet HTML 44Page - Maxim Integrated Products MAX14830 Datasheet HTML 45Page - Maxim Integrated Products MAX14830 Datasheet HTML 46Page - Maxim Integrated Products MAX14830 Datasheet HTML 47Page - Maxim Integrated Products MAX14830 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44
Maxim Integrated
Quad Serial UART with 128-Word FIFOs
MAX14830
FlowLvl—Flow Level Register
FlowLvl is used for selecting the RxFIFO threshold levels used for software (XON/XOFF) and hardware (RTS/CTS) flow
control.
Bits 7–4: Resume[n]
Resume[n] bits set the Transmit FIFO threshold at which an XON is automatically sent or RTS_ is automatically set low.
This signals the far end station to start transmission. The actual threshold level is calculated as 8 x Resume[n]. The
resulting level is in the range of 0 to 120.
Bits 3–0: Halt[n]
Halt[n] bits set a Receive FIFO threshold level at which an XOFF is automatically sent or RTS_ is automatically set high,
depending on whether automatic software or hardware flow control is enabled. This signals the far end station to halt
transmission. The actual threshold level is calculated as 8 x Halt[n]. Hence the selectable threshold granularity is eight.
The resulting level is in the range of 0 to 120.
FIFOTrigLvl—FIFO Interrupt Trigger Level Register
Bits 7–4: RxTrig[n]
The RxTrig[n] bits allow definition of the Receive FIFO threshold level at which an ISR[3] interrupt is generated. This
can be used to signal that the Receive FIFO is nearing overflow or that a predefined number of FIFO locations are
available for being read out in one block.
The actual FIFO trigger level is 8 x RxTrig[n], hence the selectable threshold granularity is eight.
Bits 3–0: TxTrig[n]
The TxTrig[n] bits allow definition of the Transmit FIFO threshold level at which the MAX14830 generates an ISR[4]
interrupt. This can be used to manage data flow to the Transmit FIFO. For example, if the trigger level is defined near
the bottom of the TxFIFO, the host knows that a predefined number of FIFO locations are available to be written to in
one block. Alternatively, if the trigger level is set near the top of the FIFO, the host is warned when the Transmit FIFO
is nearing overflow, if written to on a word-by-word basis.
The actual FIFO trigger level is 8 x TxTrig[n], hence the selectable threshold granularity is eight.
ADDRESS:
0x0F
MODE:
R/W
BIT
7
6
5
4
3
2
1
0
NAME
Resume3
Resume2
Resume1
Resume0
Halt3
Halt2
Halt1
Halt0
RESET
0
0
0
0
0
0
0
0
ADDRESS:
0x10
MODE:
R/W
BIT
7
6
5
4
3
2
1
0
NAME
RxTrig3
RxTrig2
RxTrig1
RxTrig0
TxTrig3
TxTrig2
TxTrig1
TxTrig0
RESET
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com