Electronic Components Datasheet Search
  English  ▼

X  

MAX14830 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 34Page - Maxim Integrated Products MAX14830 Datasheet HTML 35Page - Maxim Integrated Products MAX14830 Datasheet HTML 36Page - Maxim Integrated Products MAX14830 Datasheet HTML 37Page - Maxim Integrated Products MAX14830 Datasheet HTML 38Page - Maxim Integrated Products MAX14830 Datasheet HTML 39Page - Maxim Integrated Products MAX14830 Datasheet HTML 40Page - Maxim Integrated Products MAX14830 Datasheet HTML 41Page - Maxim Integrated Products MAX14830 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
38
Maxim Integrated
Quad Serial UART with 128-Word FIFOs
MAX14830
STSInt—Status Interrupt Register
Bits 7, 6: No Function
Bit 5: ClockReady
The ClockReady bit is set high when the clock, the divider, and PLL have settled and the MAX14830 is ready for
data communication. The ClockReady bit only works with the crystal oscillator. It does not work with external clocking
through XIN.
The ClockReady status bit is cleared when the clock is disabled and is not cleared upon read. This bit can generate
an ISR[2]: STSInt interrupt, if enabled through STSIntEn[5].
Bit 4: No Function
Bits 3–0: GPI[n]Int
Each UART has four individually assigned GPIO outputs as follows: UART0: GPIO0–GPIO3, UART1: GPIO4–GPIO7,
UART2: GPIO8–GPIO11, UART3: GPIO12–GPIO15. For example, for UART0: Bit 0 is GPI0Int, Bit 1 is GPI1Int, Bit 2 is
GPI2Int, and Bit 3 is GPI3Int. See Table 1.
The GPI[n]Int interrupts are set high when a change of logic state occurs on the associated GPIO_ input, unless
disabled by the GPI[n]IntEn bits. GPI[n]Int is cleared upon reading. These interrupts can be selectively routed to the
ISR[2] interrupt bit through the STSIntEn[3:0].
Table 1. UART GPIO Assignments for GPIO Interrupts
ADDRESS:
0x08
MODE:
R/COR
BIT
7
6
5
4
3
2
1
0
NAME
—
—
ClockReady
—
GPI3Int
GPI2Int
GPI1Int
GPI0Int
RESET
0
0
0
0
0
0
0
0
UART
GPI3Int/GPI3IntEn
GPI2Int/GPI2IntEn
GPI1Int/GPI1IntEn
GPI0Int/GPI0IntEn
UART0
GPIO3
GPIO2
GPIO1
GPIO0
UART1
GPIO7
GPIO6
GPIO5
GPIO4
UART2
GPIO11
GPIO10
GPIO9
GPIO8
UART3
GPIO15
GPIO14
GPIO13
GPIO12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com