Electronic Components Datasheet Search
  English  ▼

X  

MAX44281 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44281
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44281 Datasheet HTML 1Page - Maxim Integrated Products MAX44281 Datasheet HTML 2Page - Maxim Integrated Products MAX44281 Datasheet HTML 3Page - Maxim Integrated Products MAX44281 Datasheet HTML 4Page - Maxim Integrated Products MAX44281 Datasheet HTML 5Page - Maxim Integrated Products MAX44281 Datasheet HTML 6Page - Maxim Integrated Products MAX44281 Datasheet HTML 7Page - Maxim Integrated Products MAX44281 Datasheet HTML 8Page - Maxim Integrated Products MAX44281 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
19-6541; Rev 0; 12/12
Functional Diagrams
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX44281.related.
General Description
The MAX44281 is the industry’s first op amp in a 4-bump
WLP package, designed for use in portable consumer
and medical applications. This device is offered as a
noninverting amplifier with gain (AV) of +1V/V, +2V/V, or
+10V/V.
The device features rail-to-rail output, low 100µV input
voltage offset, and 15MHz of bandwidth with only 700µA
of supply current.
The device features shutdown functionality by pulling
VDD to ground. During shutdown, both the input and the
output are high impedance.
The device is available in an ultra-small, 0.86mm x
0.86mm, 4-bump WLP package with 0.5mm height. It is
specified over the -40°C to +125°C temperature range.
Applications
Benefits and Features
S
0.86mm x 0.86mm 4-Bump Thin WLP Package
S
Low 100µV Input Offset Voltage
S
Rail-to-Rail Output
S
15MHz GBW with Only 700µA Supply Current
S
Shutdown Input Through VDD
S
Ultra-Low 10pA Input Bias Current
S
1.8V to 5.5V Wide Supply Range
S
Three Gain Versions Available
1V/V (MAX44281O)
2V/V (MAX44281V)
10V/V (MAX44281U)
3G/4G Handsets
Sensor Interfaces
Portable Medical Devices
Battery-Powered Devices
General-Purpose Signal
Processing
Notebooks
Transimpedance
Amplifiers
EVALUATION KIT AVAILABLE
OUT
IN
VDD
GND
MAX44281O
R
OUT
IN
VDD
R
GND
MAX44281V
9R
OUT
IN
VDD
R
GND
MAX44281U
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX44281

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44281OANS+T MAXIM-MAX44281OANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281UANS+T MAXIM-MAX44281UANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281VANS+T MAXIM-MAX44281VANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
More results

Similar Description - MAX44281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
logo
Maxim Integrated Produc...
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
logo
List of Unclassifed Man...
SX-4001A ETC-SX-4001A Datasheet
888Kb / 1P
Ultra-small ultra-thin DC measuting digital panel meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com