Electronic Components Datasheet Search
  English  ▼

X  

MAX44281 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44281
Description  Ultra-Small, Ultra-Thin, 4-Bump Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44281 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44281 Datasheet HTML 1Page - Maxim Integrated Products MAX44281 Datasheet HTML 2Page - Maxim Integrated Products MAX44281 Datasheet HTML 3Page - Maxim Integrated Products MAX44281 Datasheet HTML 4Page - Maxim Integrated Products MAX44281 Datasheet HTML 5Page - Maxim Integrated Products MAX44281 Datasheet HTML 6Page - Maxim Integrated Products MAX44281 Datasheet HTML 7Page - Maxim Integrated Products MAX44281 Datasheet HTML 8Page - Maxim Integrated Products MAX44281 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Maxim Integrated
MAX44281
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
GAIN AND PHASE
vs. FREQUENCY (NO LOAD)
FREQUENCY (kHz)
100
1
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
-200
0.01
10,000
MAX44281O
GAIN
PHASE
GAIN AND PHASE
vs. FREQUENCY (NO LOAD)
FREQUENCY (kHz)
100
1
-150
-100
-50
0
50
-200
0.01
10,000
MAX44281V
GAIN
PHASE
GAIN AND PHASE
vs. FREQUENCY (NO LOAD)
FREQUENCY (kHz)
100
1
-150
-100
-50
0
50
-200
0.01
10,000
MAX44281U
GAIN
PHASE
GAIN AND PHASE vs. FREQUENCY
(CL = 100pF)
FREQUENCY (kHz)
100
1
-150
-100
-50
0
50
-200
0.01
10,000
MAX44281O
GAIN
PHASE
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
1
-100
-80
-60
-40
-20
0
-120
0.01
10,000
GAIN AND PHASE vs. FREQUENCY
(CL = 100pF)
FREQUENCY (kHz)
100
1
-150
-100
-50
0
50
-200
0.01
10,000
MAX44281V
GAIN
PHASE
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (kHz)
10,000
100
1
1
10
100
1000
0.1
0.01
GAIN AND PHASE vs. FREQUENCY
(CL = 100pF)
FREQUENCY (kHz)
100
1
-150
-100
-50
0
50
-200
0.01
10,000
MAX44281U
GAIN
PHASE
INPUT-REFERRED VOLTAGE-NOISE
DENSITY vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
10
100
1000
1
0.01
100
MAX44281O
VOUT = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com